Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78233 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL78233
Description  Automotive 5A Synchronous Buck Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78233 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL78233 Datasheet HTML 4Page - Intersil Corporation ISL78233 Datasheet HTML 5Page - Intersil Corporation ISL78233 Datasheet HTML 6Page - Intersil Corporation ISL78233 Datasheet HTML 7Page - Intersil Corporation ISL78233 Datasheet HTML 8Page - Intersil Corporation ISL78233 Datasheet HTML 9Page - Intersil Corporation ISL78233 Datasheet HTML 10Page - Intersil Corporation ISL78233 Datasheet HTML 11Page - Intersil Corporation ISL78233 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL78235R5668
8
FN8769.1
January 21, 2016
Submit Document Feedback
Typical Operating Performance Unless otherwise noted, operating conditions are: T
A = +25°C, VIN =VDD = 3V,
VOUT =1.0V, EN = VDD, SYNC = VDD, L = 0.33µH, fSW = 2MHz, CIN = 4 x 22µF, COUT = 4 x 47µF, IOUT = 0A to 8A.
FIGURE 5. EFFICIENCY vs LOAD (VIN = 2.7V)
FIGURE 6. EFFICIENCY vs LOAD (VIN = 3V)
FIGURE 7. POWER DISSIPATION vs LOAD (VIN = 2.7V)
FIGURE 8. POWER DISSIPATION vs LOAD (VIN = 3V)
FIGURE 9. EFFICIENCY vs LOAD (VIN = 5V)
FIGURE 10. POWER DISSIPATION vs LOAD (VIN = 5V)
0
1
2
3
4
5
6
7
8
40
50
60
70
80
90
100
VOUT = 1V; T = +25°C
VOUT = 1.2V; T = +25°C
VOUT = 1V; T = -40°C
VOUT = 1.2V; T = -40°C
OUTPUT LOAD (A)
0
1
2
3
4
5
6
7
8
40
50
60
70
80
90
100
OUTPUT LOAD (A)
VOUT = 1.2V; T = +105°C
VOUT = 1V; T = +105°C
0
1
2
3
4
OUTPUT LOAD (A)
5
0
1
2
3
4
5
6
7
8
6
7
VOUT = 1.2V; T = +25°C
VOUT = 1V; T = +25°C
VOUT = 1.2V; T = -40°C
VOUT = 1V; T = -40°C
0
1
2
3
4
OUTPUT LOAD (A)
5
123
4567
8
6
7
VOUT = 1.2V; T = +105°C
VOUT = 1V; T = +105°C
0
0
12345678
40
50
60
70
80
90
100
OUTPUT LOAD (A)
VOUT = 1.2V; T = +105°C
VOUT = 1.2V; T = +25°C
VOUT = 1.2V; T = -40°C
0
0.5
1.0
1.5
2.0
OUTPUT LOAD (A)
2.5
0
123
45
67
8
3.0
3.5
4.0
VOUT = 1.2V; T = +105°C
VOUT = 1.2V; T = +25°C
VOUT = 1.2V; T = -40°C


Similar Part No. - ISL78233

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
ISL78233 RENESAS-ISL78233 Datasheet
2Mb / 21P
   Automotive 5A Synchronous Buck Regulator
logo
Intersil Corporation
ISL78233 INTERSIL-ISL78233 Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
logo
Renesas Technology Corp
ISL78233AARZ RENESAS-ISL78233AARZ Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
ISL78233AARZ-T RENESAS-ISL78233AARZ-T Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
More results

Similar Description - ISL78233

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78235ARZ INTERSIL-ISL78235ARZ Datasheet
1Mb / 20P
   5A Automotive Synchronous Buck Regulator
July 1, 2015
logo
Renesas Technology Corp
ISL78235R5668 RENESAS-ISL78235R5668 Datasheet
2Mb / 21P
   Automotive 5A Synchronous Buck Regulator
ISL78235 RENESAS-ISL78235 Datasheet
2Mb / 23P
   5A Automotive Synchronous Buck Regulator
logo
Microsemi Corporation
NX9415 MICROSEMI-NX9415 Datasheet
582Kb / 12P
   5A SYNCHRONOUS BUCK SWITCHING REGULATOR
logo
Alpha & Omega Semicondu...
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
   EZBuckTM 5A Synchronous Buck Regulator
AOZ1037PI AOSMD-AOZ1037PI Datasheet
588Kb / 14P
   EZBuck??5A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com