Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78229ARZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL78229ARZ
Description  2-Phase Boost Controller with Drivers and I2C/PMBus
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78229ARZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL78229ARZ Datasheet HTML 4Page - Intersil Corporation ISL78229ARZ Datasheet HTML 5Page - Intersil Corporation ISL78229ARZ Datasheet HTML 6Page - Intersil Corporation ISL78229ARZ Datasheet HTML 7Page - Intersil Corporation ISL78229ARZ Datasheet HTML 8Page - Intersil Corporation ISL78229ARZ Datasheet HTML 9Page - Intersil Corporation ISL78229ARZ Datasheet HTML 10Page - Intersil Corporation ISL78229ARZ Datasheet HTML 11Page - Intersil Corporation ISL78229ARZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
ISL78229
8
FN8656.3
February 12, 2016
Submit Document Feedback
Typical Application - 2-Phase Synchronous Boost
FIGURE 4. TYPICAL APPLICATION - 2-PHASE SYNCHRONOUS BOOST
ISL78229
VCC
BOOT1
PH1
NTC
FB
VOUT
LG1
CLKOUT
PGOOD
UG1
BOOT2
PH2
PGND
LG2
UG2
VIN
SS
VIN
PVCC
EN
TRACK
SDA
SCL
SALERT
PMBus
ADDR1
VIN
ADDR2
EN_IC
ISEN1N
ISEN1P
ISEN2N
ISEN2P
IMON
DE/PHDRP
HIC/LATCH
COMP
VCC
RDT
VCC
RBLANK
ATRK/DTRK
SGND
FSYNC
SLOPE
PVCC_BT
PLLCOMP
PVCC
VCC
RBLANK
RDT
RPLL
CPLL1
CPLL2
RSLOPE
CSS
RFB2
RFB1
RCP
CCP1
CCP2
CIMON
RIMON
RBIAS1B
RSET1B
RBIAS1A
RSET1A
CISEN1
L1
L2
RSEN1
RSEN2
CPVCC
CVCC
RVCC
RNTC
RP_NTC
RFS
CBOOT1
CBOOT2
DBOOT2
DBOOT1
CIN
CIN
COUT
COUT
RBIAS2B
RSET2B
RBIAS2A
RSET2A
CISEN2
POWER-GOOD
RPG
Q1
Q2
Q3
Q4
ATRK/DTRK:
= VCC to track analog signal
= GND to track digital signal
HIC/LATCH:
= VCC for HICCUP mode
= GND for LATCHOFF mode
DE/PHDRP:
= VCC for DE mode
= FLOAT for DE and Phase-Drop mode
= GND for CCM mode
CLOCK_OUT
10µF
0.47µF
0.47µF
PVCC_BT
RPVCCBT
1µF
6.8nF
1nF
220pF
220pF
Q1, Q2, Q3, Q4: 2 BUK9Y6R0-60E in parallel
3.3k
5.1

10

1m
1m


Similar Part No. - ISL78229ARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78229ARZ INTERSIL-ISL78229ARZ Datasheet
1Mb / 43P
   2-Phase Boost Controller with Integrated Drivers
February 24, 2016
logo
Renesas Technology Corp
ISL78229ARZ RENESAS-ISL78229ARZ Datasheet
3Mb / 73P
   2-Phase Boost Controller with Drivers and I2C/PMBus
More results

Similar Description - ISL78229ARZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78229 RENESAS-ISL78229 Datasheet
3Mb / 73P
   2-Phase Boost Controller with Drivers and I2C/PMBus
ISL78227 RENESAS-ISL78227 Datasheet
4Mb / 45P
   2-Phase Boost Controller with Integrated Drivers
Oct 22, 2021
logo
Intersil Corporation
ISL78227 INTERSIL-ISL78227 Datasheet
1Mb / 43P
   2-Phase Boost Controller with Integrated Drivers
February 24, 2016
logo
Analog Devices
DC1613A AD-DC1613A Datasheet
309Kb / 8P
   I2C/SMBUS/PMBUS Controller
logo
Intersil Corporation
ISL8601 INTERSIL-ISL8601 Datasheet
99Kb / 4P
   Single-Phase, PMBus-Enabled PWM Controller with Integrated FET Drivers
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Renesas Technology Corp
ISL68201 RENESAS-ISL68201 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
logo
Analog Devices
LTC7841 AD-LTC7841 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
logo
Richtek Technology Corp...
RTQ8825 RICHTEK-RTQ8825 Datasheet
3Mb / 73P
   Dual Rail 32-Phase PWM Controller with PMBus
March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com