Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV050L Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI90LV050L
Description  3.3V LVDS High-Speed Differential Line Drivers and Receivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV050L Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI90LV050L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90LV050L Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
6
PS8539
05/01/01
PI90LV179/PI90LV180/
PI90LV050/PI90LV051
3.3V LVDS High-Speed Differential Line Drivers and Receivers
Parameter Measurement Information
Driver (continued)
2 V
1.4V
0.8V
100%
80%
20%
0%
0V
VOD(H)
VOD(L)
Output
VOD
100
±1%
CL = 10pF
(2 Places)
tPHL
tPLH
tf
tr
DEN
DOUT+
DOUT–
DIN
DIN
DEN
DOUT+
DOUT–
DIN
NOTE A: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 50 Mpps,
pulse width = 10
± 0.2ns. CL includes instrumentation and fixture capacitance within 0.06 mm of the D.U.T.
VOC
CL = 10pF
(2 Places)
3 V
0 V
VOC(PP)
VOC(SS)
VOC
49.9
Ω, ±1% (2 Places)
NOTE A: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 50 Mpps,
pulse width = 10
±0.2ns.CLincludesinstrumentationandfixturecapacitancewithin0.06mm of the D.U.T. ThemeasurementofVOC(PP)
is made on test equipment with a –3 dB bandwidth of at least 300 MHz.
Figure 2. Test Circuit, Timing, and Voltage Definitions for the Differential Output Signal
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage


Similar Part No. - PI90LV050L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV01 PERICOM-PI90LV01 Datasheet
198Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LV017A PERICOM-PI90LV017A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AUE PERICOM-PI90LV017AUE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AWE PERICOM-PI90LV017AWE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV018A PERICOM-PI90LV018A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
More results

Similar Description - PI90LV050L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB179 PERICOM-PI90LVB179 Datasheet
230Kb / 14P
   3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com