Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM9748CAA-N Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM9748CAA-N
Description  CMOS voltage detector IC for battery-operated portable devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM9748CAA-N Datasheet(HTML) 2 Page - ELM Electronics

  ELM9748CAA-N Datasheet HTML 1Page - ELM Electronics ELM9748CAA-N Datasheet HTML 2Page - ELM Electronics ELM9748CAA-N Datasheet HTML 3Page - ELM Electronics ELM9748CAA-N Datasheet HTML 4Page - ELM Electronics ELM9748CAA-N Datasheet HTML 5Page - ELM Electronics ELM9748CAA-N Datasheet HTML 6Page - ELM Electronics ELM9748CAA-N Datasheet HTML 7Page - ELM Electronics ELM9748CAA-N Datasheet HTML 8Page - ELM Electronics ELM9748CAA-N Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
148
VOLTAGE DETECTOR ELM97xxxxA
SELECTION GUIDE
Symbol
Ex
09 : VDETN = 0.9V
27 : VDETN = 2.7V
45 : VDETN = 4.5V
C :
CMOS Output
N :
N-ch Opendrain Output
A :
SOT-89
B :
SOT-23
e
Product Version
A :
A Version
d
Package
a, b
Detection Voltage
c
Output Form
ELM97 x x x x A
ELM97 x x x x A
ELM97 x x x x A
ELM97 x x x x A
ELM97 x x x x A
↑↑↑↑↑
↑↑↑↑↑
↑↑↑↑↑
↑↑↑↑↑
↑↑↑↑↑
a b c d e
a b c d e
a b c d e
a b c d e
a b c d e
SERIES
Detection Output
Detection Output
Voltage
Form
Voltage
Form
ELM9709NBA-S(N)
0.9V
N-ch
SOT-23 ELM9727CAA-S(N)
2.7V
CMOS SOT-89
ELM9710NBA-S(N)
1.0V
N-ch
SOT-23 ELM9730CAA-S(N)
3.0V
CMOS SOT-89
ELM9711NBA-S(N)
1.1V
N-ch
SOT-23 ELM9732CAA-S(N)
3.2V
CMOS SOT-89
ELM9722CAA-S(N)
2.2V
CMOS SOT-89 ELM9734CAA-S(N)
3.4V
CMOS SOT-89
ELM9724CAA-S(N)
2.4V
CMOS SOT-89 ELM9745CAA-S(N)
4.5V
CMOS SOT-89
ELM9725CAA-S(N)
2.5V
CMOS SOT-89 ELM9748CAA-S(N)
4.8V
CMOS SOT-89
S type : Standard, N type : Reverse
Model
Package
Model
Package
* Available 0.9V~5.0V detection voltage for N-ch output and 2.0V~5.0V detection voltage for CMOS
output at 0.1V step as semi-custom-made IC.


Similar Part No. - ELM9748CAA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM9745CAB-N ELM-TECH-ELM9745CAB-N Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM9745CAB-S ELM-TECH-ELM9745CAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM9745CBB-N ELM-TECH-ELM9745CBB-N Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM9745CBB-S ELM-TECH-ELM9745CBB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM9745NAB-N ELM-TECH-ELM9745NAB-N Datasheet
105Kb / 9P
   CMOS Voltage detector
More results

Similar Description - ELM9748CAA-N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9168 VISHAY-SI9168 Datasheet
122Kb / 10P
   Synchronous Buck or Boost Controller for 2-Cell Li Battery Operated Portable Communication Devices
Rev. A, 10-Jan--00
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com