Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78229 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL78229
Description  2-Phase Boost Controller with Drivers and I2C/PMBus
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78229 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL78229 Datasheet HTML 1Page - Intersil Corporation ISL78229 Datasheet HTML 2Page - Intersil Corporation ISL78229 Datasheet HTML 3Page - Intersil Corporation ISL78229 Datasheet HTML 4Page - Intersil Corporation ISL78229 Datasheet HTML 5Page - Intersil Corporation ISL78229 Datasheet HTML 6Page - Intersil Corporation ISL78229 Datasheet HTML 7Page - Intersil Corporation ISL78229 Datasheet HTML 8Page - Intersil Corporation ISL78229 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
ISL78229
5
FN8656.3
February 12, 2016
Submit Document Feedback
PLLCOMP
18
This pin serves as the compensation node for the switching frequency clock’s PLL (Phase Lock Loop). A second order
passive loop filter connected between this pin and ground compensates the PLL loop. Refer to “Oscillator and
Synchronization” on page 29 for more details.
EN
19
This pin is a threshold-sensitive enable input for the controller. When the EN pin is driven above 1.2V, the ISL78229 is
enabled and the internal LDO is activated to power up PVCC followed by a start-up procedure. Driving the EN pin below
0.95V will disable the IC and clear all fault states. Refer to “Enable” on page 31 for more details.
CLKOUT
20
This pin outputs a clock signal with same frequency to one phase’s switching frequency. The rising edge signal on the CLKOUT
pin is delayed by 90° from the rising edge of LG1 of the same IC. With CLKOUT connected to the FSYNC pin of the second
ISL78229, a 4-phase interleaving operation can be achieved. Refer to “Oscillator and Synchronization” on page 29 for more
details.
BOOT2
21
This pin provides bias voltage to the Phase 2 high-side MOSFET driver. A bootstrap circuit is used to create a voltage suitable
to drive the external N-channel MOSFET. A 0.47µF ceramic capacitor in series with a 1.5Ω resistor are recommended between
the BOOT2 and PH2 pins. In the typical configuration, PVCC is providing the bias to BOOT2 through a fast switching diode.
In applications where a high-side driver is not needed (standard boost application for example), BOOT2 is recommended
to be connected to ground. The ISL78229 IC can detect BOOT2 being grounded during start-up and both the Phase 1 and
Phase 2 high-side drivers will be disabled. In addition, PH1 and PH2 should also be tied to ground.
UG2
22
Phase 2 high-side gate driver output. This output can be disabled by tying either BOOT1 and PH1 to ground or BOOT2 and
PH2 to ground.
PH2
23
Connect this pin to the source of the Phase 2 high-side MOSFETs and the drain of the low-side MOSFETs. This pin
represents the return path for the Phase 2 high-side gate drive.
LG2
24
Phase 2 low-side gate driver output. It should be connected to the Phase 2 low-side MOSFETs’ gates.
PGND
25
Provides the return path for the low-side MOSFET drivers. This pin carries a noisy driving current and the traces
connecting from this pin to the low-side MOSFET source and PVCC decoupling capacitor ground pad should be as short
as possible. All the sensitive analog signal traces should not share common traces with this driver return path. Connect
this pin to the ground copper plane (wiring away from the IC instead of connecting through the IC bottom PAD) through
several vias as close as possible to the IC.
PVCC
26
Output of the internal linear regulator that provides bias for the low-side driver, high-side driver (PVCC connected to BOOTx
through diodes) and VCC bias (PVCC and VCC are typically connected through a small resistor like 10Ω or smaller, which helps
to filter out the noises from PVCC to VCC). The PVCC operating range is 4.75V to 5.5V. A minimum 10µF decoupling ceramic
capacitor should be used between PVCC and PGND. Refer to “Internal 5.2V LDO” on page 39 for more details.
LG1
27
Phase 1 low-side gate driver output. It should be connected to the Phase 1 low-side MOSFETs’ gates.
PH1
28
Connect this pin to the source of the Phase 1 high-side MOSFETs and the drain of the low-side MOSFETs. This pin
represents the return path for the Phase 1 high-side gate drive.
UG1
29
Phase 1 high-side MOSFET gate drive output. This output can be disabled by tying either BOOT1 and PH1 to ground or
BOOT2 and PH2 to ground.
BOOT1
30
This pin provides bias voltage to the Phase 1 high-side MOSFET driver. A bootstrap circuit is used to create a voltage suitable
to drive the external N-channel MOSFET. A 0.47µF ceramic capacitor in series with a 1.5Ω resistor are recommended between
BOOT1 and PH1 pins. In typical configuration, PVCC is providing the bias to BOOT1 through a fast switching diode.
In applications where a high-side driver is not needed (for example, standard boost application), the BOOT1 is
recommended to be connected to ground. The ISL78229 IC can detect BOOT1 being grounded during start-up and both
the Phase 1 and Phase 2 high-side drivers will be disabled. In addition, PH1 and PH2 should also be tied to ground.
VIN
31
Connect supply rail to this pin. Typically, connect boost input voltage to this pin. This pin is connected to the input of the internal
linear regulator, generating the power necessary to operate the chip. The DC voltage applied to the VIN should not exceed 55V
during normal operation. VIN can withstand transients up to 60V, but in this case, the device's overvoltage protection will stop
it from switching to protect itself. Refer to “Input Overvoltage Fault” on page 35 for more details.
ISEN1N
32
The ISEN1N pin is the negative potential input to the Phase 1 current sense amplifier. This amplifier continuously senses
the Phase 1 inductor current through a power current sense resistor in series with the inductor. The sensed current signal
is used for current mode control, peak current limiting, average current limiting and diode emulation.
ISEN1P
33
The ISEN1P pin is the positive potential input to the Phase 1 current sense amplifier.
ISEN2N
34
The ISEN2N pin is the negative potential input to the Phase 2 current sense amplifier. This amplifier continuously senses
the Phase 2 inductor current through a power current sense resistor in series with the inductor. The sensed current signal
is used for current mode control, peak current limiting, average current limiting and diode emulation.
ISEN2P
35
The ISEN2P pin is the positive phase input to the Phase 2 current sense amplifier.
NC
36
Not Connected - This pin is not electrically connected internally.
Functional Pin Description (Continued)
PIN NAME
PIN #
DESCRIPTION


Similar Part No. - ISL78229

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78229 RENESAS-ISL78229 Datasheet
3Mb / 73P
   2-Phase Boost Controller with Drivers and I2C/PMBus
logo
Intersil Corporation
ISL78229ARZ INTERSIL-ISL78229ARZ Datasheet
1Mb / 43P
   2-Phase Boost Controller with Integrated Drivers
February 24, 2016
logo
Renesas Technology Corp
ISL78229ARZ RENESAS-ISL78229ARZ Datasheet
3Mb / 73P
   2-Phase Boost Controller with Drivers and I2C/PMBus
ISL78229EV1Z RENESAS-ISL78229EV1Z Datasheet
3Mb / 73P
   2-Phase Boost Controller with Drivers and I2C/PMBus
More results

Similar Description - ISL78229

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78229 RENESAS-ISL78229 Datasheet
3Mb / 73P
   2-Phase Boost Controller with Drivers and I2C/PMBus
ISL78227 RENESAS-ISL78227 Datasheet
4Mb / 45P
   2-Phase Boost Controller with Integrated Drivers
Oct 22, 2021
logo
Intersil Corporation
ISL78227 INTERSIL-ISL78227 Datasheet
1Mb / 43P
   2-Phase Boost Controller with Integrated Drivers
February 24, 2016
logo
Analog Devices
DC1613A AD-DC1613A Datasheet
309Kb / 8P
   I2C/SMBUS/PMBUS Controller
logo
Intersil Corporation
ISL8601 INTERSIL-ISL8601 Datasheet
99Kb / 4P
   Single-Phase, PMBus-Enabled PWM Controller with Integrated FET Drivers
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Renesas Technology Corp
ISL68201 RENESAS-ISL68201 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
logo
Analog Devices
LTC7841 AD-LTC7841 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
logo
Richtek Technology Corp...
RTQ8825 RICHTEK-RTQ8825 Datasheet
3Mb / 73P
   Dual Rail 32-Phase PWM Controller with PMBus
March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com