Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70003ASEHEV1Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL70003ASEHEV1Z
Description  Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70003ASEHEV1Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL70003ASEHEV1Z Datasheet HTML 7Page - Intersil Corporation ISL70003ASEHEV1Z Datasheet HTML 8Page - Intersil Corporation ISL70003ASEHEV1Z Datasheet HTML 9Page - Intersil Corporation ISL70003ASEHEV1Z Datasheet HTML 10Page - Intersil Corporation ISL70003ASEHEV1Z Datasheet HTML 11Page - Intersil Corporation ISL70003ASEHEV1Z Datasheet HTML 12Page - Intersil Corporation ISL70003ASEHEV1Z Datasheet HTML 13Page - Intersil Corporation ISL70003ASEHEV1Z Datasheet HTML 14Page - Intersil Corporation ISL70003ASEHEV1Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ISL70003ASEH
11
FN8746.0
August 5, 2015
Submit Document Feedback
\
Absolute Maximum Ratings
Thermal Information
LXx, PVINx . . . . . . . . . . . . . . . . . . . . . . . . . . . .PGNDx - 0.3V to PGNDx + 16V
LXx, PVINx (Note 4). . . . . . . . . . . . . . . . . . . PGNDx - 0.3V to PGNDx + 14.7V
LXx, PVINx (Note 5). . . . . . . . . . . . . . . . . . . PGNDx - 0.3V to PGNDx + 13.7V
AVDD - AGND, DVDD - DGND . . . . . . . . . . . . . . . . . . . . . . . . . . PVINx to -0.3V
VREFA. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GNDA - 0.3V to GNDA + 5.5V
VREFD, VREF_OUTS . . . . . . . . . . . . . . . . . . . . .GNDD - 0.3V to GNDD + 5.5V
Signal Pins (Note 8) . . . . . . . . . . . . . . . . . . . . GNDA - 0.3V to VREFA + 0.3V
Digital Control Pins (Note 9) . . . . . . . . . . . . . .GNDD - 0.3V to VREFD+ 0.3V
SS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND - 0.3V to DGND + 2.5V
PGOOD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GNDD - 0.3V to DVDD
RTCT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GNDD - 0.3V to DVDD
Sourcing Output D.C. Current TJ ≤+125°C (All Power Blocks) . . . . . . . 11A
Sourcing Output D.C. Current TJ ≤+150°C (All Power Blocks) . . . . . . . . 7A
Sinking Output D.C. Current TJ ≤+125°C (All Power Blocks) . . . . . . . . . -4A
ESD Rating
Human Body Model (Tested per MIL-STD-883 TM3015.7) . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Charge Device Model (Tested per JESD22-C101D) . . . . . . . . . . . . 750V
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
CQFP Package R64.C (Notes 6, 7) . . . . . . .
17
0.7
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
PVINx, AVDD, DVDD . . . . . . . . . . . . . . . . . . . . . . . . 3.3V ±10% to 12V ±10%
Output D.C. Current TJ ≤+125°C (All Power Blocks) . . . . . . . . . . . . . . . ≤ 9A
Output D.C. Current TJ ≤+150°C (All Power Blocks) . . . . . . . . . . . . . . . ≤ 6A
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4. For operation in a heavy ion environment at LET = 86.4MeV•cm2/mg at +125°C (TC) and sourcing 11A load current.
5. For operation in a heavy ion environment at LET = 86.4MeV•cm2/mg at +125°C (TC) with any negative inductor current to sinking -4A load current.
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7. For
JC, the “case temp” location is the center of the exposed metal heatsink on the package underside.
8. POR_VIN, FB, NI, VERR, OCSETA, OCSETB, BUFOUT, BUFIN-, BUFIN+, IMON and REF pins.
9. FSEL, EN, SYNC, SEL1, SEL2, and DE pins.
Electrical Specifications Unless otherwise noted, PVINx = AVDD = DVDD = 3V - 13.2V; GND = AGND = DGND = PGNDx = SGND = 0V;
POR_VIN = 0.65V; SYNC = LXx = Open Circuit; PGOOD is pulled up to VREFD with a 3k resistor; REF is bypassed to GND with a 220nF capacitor; SS is
bypassed to GND with a 100nF capacitor; IOUT = 0A; TA = TJ = +25°C. (Note 4). Boldface limits apply across the operating temperature range, -55°C to
+125°C; over a total ionizing dose of 100krad(Si) with exposure at a high dose rate of 50 to 300rad(Si)/s; or over a total ionizing dose of 50krad(Si) with
exposure at a low dose rate of <10mrad(Si)/s.
PARAMETER
TEST CONDITIONS
MIN
(Note 13)TYP
MAX
(Note 13)UNIT
POWER SUPPLY
Operating Supply Current
PVINx = 13.2V, FSEL = 1 (1MHz)
80
125
mA
PVINx = 13.2V, FSEL = 0 (500kHz)
80
125
mA
PVINx = 3.0V, FSEL = 1 (1MHz)
30
60
mA
PVINx = 3.0V, FSEL = 0 (500kHz)
30
60
mA
Standby Supply Current
PVINx = 13.2V, SEL1 = SEL2 = 5V, FSEL = 1
20
30
mA
PVINx = 13.2V, SEL1 = SEL2 = 5V, FSEL = 0
20
30
mA
PVINx = 3.0V, SEL1 = SEL2 = 5V, FSEL = 1
10
15
mA
PVINx = 3.0V, SEL1 = SEL2 = 5V, FSEL = 0
10
15
mA
Shutdown Supply Current
PVINx = 13.2V, EN = GND
1.5
3.0
mA
PVINx = 3.0V, EN = GND
0.4
1.0
mA
LINEAR REGULATORS
Output Voltage
AVDD, DVDD = 13.2V
4.5
5.0
5.5
V
Current Limit
AVDD, DVDD = 13.2V
50
190
mA


Similar Part No. - ISL70003ASEHEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003ASEHEV1Z RENESAS-ISL70003ASEHEV1Z Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
More results

Similar Description - ISL70003ASEHEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
logo
Intersil Corporation
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
logo
Power-One
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
logo
Intersil Corporation
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85009 RENESAS-ISL85009 Datasheet
1Mb / 21P
   9A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
   9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com