Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL68200 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL68200
Description  Single-Phase R4 Digital Hybrid PWM Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68200 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL68200 Datasheet HTML 1Page - Intersil Corporation ISL68200 Datasheet HTML 2Page - Intersil Corporation ISL68200 Datasheet HTML 3Page - Intersil Corporation ISL68200 Datasheet HTML 4Page - Intersil Corporation ISL68200 Datasheet HTML 5Page - Intersil Corporation ISL68200 Datasheet HTML 6Page - Intersil Corporation ISL68200 Datasheet HTML 7Page - Intersil Corporation ISL68200 Datasheet HTML 8Page - Intersil Corporation ISL68200 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
DATASHEET
Single-Phase R4™ Digital Hybrid PWM Controller with
PMBus/SMBus/I2C and PFM
ISL68201
The ISL68201 is a single-phase, synchronous buck PWM
controller featuring Intersil’s proprietary R4™ Technology. It
supports a wide 4.5V to 24V input voltage range and a wide
0.5V to 5.5V output range. Integrated LDOs provide controller
bias voltage, allowing for single supply operation. The
ISL68201 includes a PMBus/SMBus/I2C interface for device
configuration and telemetry (VIN, VOUT, IOUT and temperature)
and fault reporting.
Intersil’s proprietary R4™ control scheme has extremely fast
transient performance, accurately regulated frequency control
and all internal compensation. An efficiency enhancing PFM
mode can be enabled to greatly improve light-load efficiency.
The ISL68201’s series bus allows for easy R4™ loop
optimization, resulting in fast transient performance over a
wide range of applications, including all ceramic output filters.
The ISL68201 has four 8-bit configuration pins, which provide
very flexible configuration options (frequency, VOUT, R4™ gain,
etc.) without the need for built-in NVM memory. This results in
a design flow that closely matches traditional analog
controllers, while still offering the design flexibility and feature
set of a digital PMBus/SMBus/I2C interface. The ISL68201
also features remote voltage sensing and completely eliminates
any potential difference between remote and local grounds. This
improves regulation and protection accuracy. A precision enable
input is available to coordinate the start-up of the ISL68201 with
other voltage rails, especially useful for power sequencing.
Applications
• High efficiency and high density POL digital power
• FPGA, ASIC and memory supplies
• Data center: servers, storage systems
• Wired infrastructure: routers/switches/optical networking
• Wireless infrastructure: base station
Related Literature
• UG068, “ISL68201-99140DEMO1Z User Guide”
Features
• Intersil’s proprietary R4™ Technology
- Linear control loop for optimal transient response
- Variable frequency and duty cycle control during load
transient for fastest possible response
- Inherent voltage feed-forward for wide range input
• Input voltage range: 4.5V to 24V
• Output voltage range: 0.5V to 5.5V
• ±0.5% DAC accuracy with remote sense
• Support all ceramic solutions
• Integrated LDOs for single input rail solution
• SMBus/PMBus/I2C compatible, up to 1.25MHz
• 256 boot-up voltage levels with a configuration pin
• Eight switching frequency options from 300kHz to 1.5MHz
• PFM operation option, compatible with ISL99140 for
improved light-load efficiency
• Start-up into precharged load
• Precision enable input to set higher input UVLO and power
sequence as well as fault reset
• Power-good monitor for soft-start and fault detection
• Comprehensive fault protection for high system reliability
- Over-temperature protection
- Output overcurrent and short-circuit protection
- Output overvoltage and undervoltage protection
- Open remote sense protection
• Compatible with 5V or 3.3V PWM input DrMOS or Smart
Power Stage (SPS)
• Compatible with Intersil’s PowerNavigator™ software
TABLE 1. SINGLE-PHASE R4™ DIGITAL HYBRID PWM CONTROLLER OPTIONS
PART
NUMBER
INTEGRATED
DRIVER
PWM
OUTPUT
PMBus/SMBus/I2C
INTERFACE
COMPATIBLE DEVICES
ISL68200
Yes
No
Yes
Discrete MOSFETs or Dual Channel MOSFETs
ISL68201
No
Yes
Yes
Intersil Power Stages:
ISL99140
Intersil Drivers:
ISL6596, ISL6609, ISL6627, ISL6622, ISL6208
March 7, 2016
FN8696.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2016. All Rights Reserved
Intersil (and design), R3 Technology, R4 Technology and PowerNavigator are trademarks owned by Intersil Corporation or
one of its subsidiaries.All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL68200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68200 INTERSIL-ISL68200 Datasheet
755Kb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C and PFM
March 7, 2016
logo
Renesas Technology Corp
ISL68200 RENESAS-ISL68200 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C, and PFM
logo
Intersil Corporation
ISL68200DEMO1Z INTERSIL-ISL68200DEMO1Z Datasheet
755Kb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C and PFM
March 7, 2016
logo
Renesas Technology Corp
ISL68200DEMO1Z RENESAS-ISL68200DEMO1Z Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C, and PFM
logo
Intersil Corporation
ISL68200IRZ INTERSIL-ISL68200IRZ Datasheet
755Kb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C and PFM
March 7, 2016
More results

Similar Description - ISL68200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68201 RENESAS-ISL68201 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
ISL68200 RENESAS-ISL68200 Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C, and PFM
logo
Intersil Corporation
ISL68200 INTERSIL-ISL68200 Datasheet
755Kb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C and PFM
March 7, 2016
ISL6367H INTERSIL-ISL6367H Datasheet
131Kb / 2P
   Green Hybrid Digital Dual 6-Phase 1 Phase PWM Controller
logo
List of Unclassifed Man...
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com