Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9120IRTAZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9120IRTAZ
Description  Compact High Efficiency Low Power Buck-Boost Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9120IRTAZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9120IRTAZ Datasheet HTML 1Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 2Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 3Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 4Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 5Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 6Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 7Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 8Page - Intersil Corporation ISL9120IRTAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL9120IR
5
FN8743.1
February 2, 2016
Submit Document Feedback
SOFT-START AND SOFT DISCHARGE
tSS
Soft-Start Time
Time from when EN signal asserts to when output
voltage ramp starts.
1ms
Time from when output voltage ramp starts to when
output voltage reaches 95% of its nominal value
with device operating in buck mode.
VIN = 4V, IOUT = 500mA
1ms
Time from when output voltage ramp starts to when
output voltage reaches 95% of its nominal value
with device operating in boost mode.
VIN = 3V, IOUT = 500mA
1ms
rDISCHG
VOUT Soft-Discharge ON-Resistance
EN < VIL
110
Ω
POWER MOSFET
rDSON_P
P-Channel MOSFET ON-Resistance
IOUT = 200mA, measured with internal test mode
63
rDSON_N
N-Channel MOSFET ON-Resistance
IOUT = 200mA, measured with internal test mode
63
INDUCTOR PEAK CURRENT LIMIT
ILIM_MAX
Maximum Peak Current Limit
2A
THERMAL PROTECTION
Thermal Shutdown
150
°C
Thermal Shutdown Hysteresis
35
°C
LOGIC INPUTS
ILEAK
Input Leakage
0.013
0.500
µA
VIH
Input HIGH Voltage
1.4
V
VIL
Input LOW Voltage
0.4
V
NOTES:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
7. Quiescent current measurements are taken when the output is not switching.
Analog Specifications VIN = VEN = 3.6V, VOUT = 3.3V, L1 = 1µH, C1 = 10µF, C2 = 47µF, TA = +25°C. Boldface limits apply across the
recommended operating temperature range, -40°C to +85°C and input voltage range (1.8V to 5.5V). (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT


Similar Part No. - ISL9120IRTAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9120IRTAZ RENESAS-ISL9120IRTAZ Datasheet
683Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
More results

Similar Description - ISL9120IRTAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9120 RENESAS-ISL9120 Datasheet
685Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
logo
Intersil Corporation
ISL9120 INTERSIL-ISL9120 Datasheet
131Kb / 2P
   Compact High Efficiency Low Power Buck-Boost Regulator
January 29, 2016
logo
Renesas Technology Corp
ISL9120IR RENESAS-ISL9120IR Datasheet
683Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
logo
Intersil Corporation
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
logo
Intersil Corporation
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91128 INTERSIL-ISL91128 Datasheet
121Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91107 RENESAS-ISL91107 Datasheet
920Kb / 14P
   High Efficiency Buck-Boost Regulator with 3.6A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com