Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9120IR Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9120IR
Description  Compact High Efficiency Low Power Buck-Boost Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9120IR Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9120IR Datasheet HTML 1Page - Intersil Corporation ISL9120IR Datasheet HTML 2Page - Intersil Corporation ISL9120IR Datasheet HTML 3Page - Intersil Corporation ISL9120IR Datasheet HTML 4Page - Intersil Corporation ISL9120IR Datasheet HTML 5Page - Intersil Corporation ISL9120IR Datasheet HTML 6Page - Intersil Corporation ISL9120IR Datasheet HTML 7Page - Intersil Corporation ISL9120IR Datasheet HTML 8Page - Intersil Corporation ISL9120IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ISL9120IR
4
FN8743.1
February 2, 2016
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
LX1, LX2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
FB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
GND, PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
ESD Rating
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . .2.5kV
Machine Model (Tested per JESD22-A115C) . . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD22-C101F). . . . . . . . . . . . . . 2kV
Latch-Up (Tested per JESD78D; Class 2) . . . . . . . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
3x3 TQFN (Notes 4, 5) . . . . . . . . . . . . . . . . .
55
5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VIN) Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8V to 5.5V
Load Current (IOUT) Range (DC) . . . . . . . . . . . . . . . . . . . . . . . . 0A to 800mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Analog Specifications VIN = VEN = 3.6V, VOUT = 3.3V, L1 = 1µH, C1 = 10µF, C2 = 47µF, TA = +25°C. Boldface limits apply across the
recommended operating temperature range, -40°C to +85°C and input voltage range (1.8V to 5.5V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
POWER SUPPLY
VIN
Input Voltage Range
1.8
5.5
V
VUVLO
VIN Undervoltage Lockout Threshold
Rising
1.725
1.790
V
Falling
1.550
1.650
V
IVIN
VIN Supply Current
VOUT = 3.7V (Note 7)41
55
µA
ISD
VIN Supply Current, Shutdown
EN = GND
0.005
1
µA
IBYP
VIN Supply Current, Bypass Mode
BYPS = Logic High, VIN ≤5V
0.8
3.5
µA
OUTPUT VOLTAGE REGULATION
VOUT
Output Voltage Range
ISL9120IRAZ, IOUT = 100mA
1.00
5.20
V
Output Voltage Accuracy
VIN = 3.7V, IOUT = 1mA
-3
+4
%
VFB
FB Pin Voltage Regulation
For adjustable output version (ISL9120IRAZ)
0.80
V
IFB
FB Pin Bias Current
For adjustable output version (ISL9120IRAZ)
0.025
µA
VOUT/VIN Line Regulation, 500mA
IOUT = 500mA, VOUT = 3.3V, VIN step from 2.3V to
5.5V
0.00681
mV/mV
VOUT/IOUT Load Regulation, 500mA
VIN = 3.7V, VOUT = 3.3V, IOUT step from 0mA to
500mA
0.0072
mV/mA
VOUT/VI Line Regulation, 100mA
IOUT = 100mA, VOUT = 3.3V, VIN step from 2.3V to
5.5V
0.00273
mV/mV
VOUT/IOUT Load Regulation, 100mA
VIN = 3.7V, VOUT = 3.3V, IOUT step from 0mA to
100mA
0.05
mV/mA
VCLAMP
Output Voltage Clamp
Rising
5.32
5.82
V
Output Voltage Clamp Hysteresis
400
mV
DC/DC SWITCHING SPECIFICATIONS
IPFETLEAK
LX1 Pin Leakage Current
-0.05
+0.05
µA
INFETLEAK
LX2 Pin Leakage Current
VIN = 3.6V
-0.05
+0.05
µA


Similar Part No. - ISL9120IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9120IR RENESAS-ISL9120IR Datasheet
683Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
ISL9120IRA-EVZ RENESAS-ISL9120IRA-EVZ Datasheet
683Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
ISL9120IRN-EVZ RENESAS-ISL9120IRN-EVZ Datasheet
683Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
ISL9120IRTAZ RENESAS-ISL9120IRTAZ Datasheet
683Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
ISL9120IRTNZ RENESAS-ISL9120IRTNZ Datasheet
683Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
More results

Similar Description - ISL9120IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9120 RENESAS-ISL9120 Datasheet
685Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
logo
Intersil Corporation
ISL9120 INTERSIL-ISL9120 Datasheet
131Kb / 2P
   Compact High Efficiency Low Power Buck-Boost Regulator
January 29, 2016
logo
Renesas Technology Corp
ISL9120IR RENESAS-ISL9120IR Datasheet
683Kb / 13P
   Compact High Efficiency Low Power Buck-Boost Regulator
logo
Intersil Corporation
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
logo
Intersil Corporation
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91128 INTERSIL-ISL91128 Datasheet
121Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91107 RENESAS-ISL91107 Datasheet
920Kb / 14P
   High Efficiency Buck-Boost Regulator with 3.6A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com