Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS4424DRH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS4424DRH
Description  Dual, Noninverting Power MOSFET Radiation Hardened Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS4424DRH Datasheet(HTML) 1 Page - Intersil Corporation

  HS4424DRH Datasheet HTML 1Page - Intersil Corporation HS4424DRH Datasheet HTML 2Page - Intersil Corporation HS4424DRH Datasheet HTML 3Page - Intersil Corporation HS4424DRH Datasheet HTML 4Page - Intersil Corporation HS4424DRH Datasheet HTML 5Page - Intersil Corporation HS4424DRH Datasheet HTML 6Page - Intersil Corporation HS4424DRH Datasheet HTML 7Page - Intersil Corporation HS4424DRH Datasheet HTML 8Page - Intersil Corporation HS4424DRH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
DATASHEET
Dual, Noninverting Power MOSFET Radiation Hardened
Drivers
HS-4424DRH, HS4424DEH
The radiation hardened HS-4424 family are noninverting, dual,
monolithic high-speed MOSFET drivers designed to convert low
voltage control input signals into higher voltage, high current
outputs. The HS-4424DRH, HS-4424DEH are fully tested
across the 8V to 18V operating range.
The inputs of these devices can be directly driven by the
HS-1825ARH PWM device or by our ACS/ACTS and HCS/HCTS
type logic devices. The fast rise times and high current outputs
allow very quick control of high gate capacitance power
MOSFETs in high frequency applications.
The high current outputs minimize power losses in MOSFETs by
rapidly charging and discharging the gate capacitance. The
output stage incorporates a low voltage lockout circuit that
puts the outputs into a three-state mode when the supply
voltage is below its Undervoltage Lockout (UVLO) threshold
voltage.
Constructed with Intersil’s dielectrically isolated Rad Hard
Silicon Gate (RSG) BiCMOS process, these devices are immune
to single event latch-up and have been specifically designed to
provide highly reliable performance in harsh radiation
environments.
Features
• Electrically screened to DLA SMD# 5962-99560
• QML qualified per MIL-PRF-38535 requirements
•Latch-up immune
•Radiation environment
• High dose rate (50-300rad(Si)/s). . . . . . . . . . . . . 300krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . 50krad(Si)*
*Limit established by characterization
•IPEAK. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2A (minimum)
• Matched rise and fall times (CL = 4300pF). . 75ns (maximum)
• Low voltage lockout feature . . . . . . . . . . . . . . . . . . . . . . . . <8V
• Wide supply voltage range . . . . . . . . . . . . . . . . . . . . 8V to 18V
• Propagation delay . . . . . . . . . . . . . . . . . . . .250ns (maximum)
• Consistent delay times with VCC changes
•Low power consumption
- 40mW with inputs high
- 20mW with inputs low
• Low equivalent input capacitance . . . . . . . . . . 3.2pF (typical)
• ESD protected. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4kV
Applications
• Switching power supplies
•DC/DC converters
•Motor controllers
TABLE 1. HS4424 PRODUCT FAMILY SPECIFIC UVLO Vth
PART NUMBER
UVLO (V)
HS-4424RH
HS-4424EH
<10
HS4424BRH
HS4424BEH
<7.5
HS4424DRH
HS4424DEH
<8
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. UNDERVOLTAGE LOCKOUT vs TEMPERATURE
CONTROLLER
PWM
IN B
IN A
OUT A
OUT B
VCC
+8V TO +18V
GND
HS-4424D
HS-1825ARH
7.2
7.3
7.4
7.5
7.6
7.7
-55
25
125
TEMPERATURE (°C)
UVLO_r
UVLO_f
October 15, 2015
FN8747.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HS4424DRH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS4-10 ETC2-HS4-10 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
Richco, Inc.
HS4-10 RICHCO-HS4-10 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
List of Unclassifed Man...
HS4-12 ETC2-HS4-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
Richco, Inc.
HS4-12 RICHCO-HS4-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
List of Unclassifed Man...
HS4-14 ETC2-HS4-14 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
More results

Similar Description - HS4424DRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4423RH INTERSIL-HS-4423RH_14 Datasheet
201Kb / 3P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
HS-4424RH INTERSIL-HS-4424RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
logo
Renesas Technology Corp
ISL74422ARH RENESAS-ISL74422ARH Datasheet
142Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
April 1, 2010
logo
International Rectifier
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com