Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS4424DRH Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS4424DRH
Description  Dual, Noninverting Power MOSFET Radiation Hardened Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS4424DRH Datasheet(HTML) 4 Page - Intersil Corporation

  HS4424DRH Datasheet HTML 1Page - Intersil Corporation HS4424DRH Datasheet HTML 2Page - Intersil Corporation HS4424DRH Datasheet HTML 3Page - Intersil Corporation HS4424DRH Datasheet HTML 4Page - Intersil Corporation HS4424DRH Datasheet HTML 5Page - Intersil Corporation HS4424DRH Datasheet HTML 6Page - Intersil Corporation HS4424DRH Datasheet HTML 7Page - Intersil Corporation HS4424DRH Datasheet HTML 8Page - Intersil Corporation HS4424DRH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HS-4424DRH, HS4424DEH
4
FN8747.2
October 15, 2015
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.3V to VCC
Output Short-circuit Duration (1 output at a time). . . . . . . . . . . . Indefinite
ESD Rating
Human Body Model (Tested per MIL-PRF-883 3015.7). . . . . . . . . . . 5kV
Machine Model (Tested per MIL-PRF-883 3015.7) . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . . 750V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
16 Ld Flatpack Package (Notes 3, 4). . . . .
34
5
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+175°C
Maximum Lead Temperature (Soldering 10 secs) . . . . . . . . . . . . . .+265°C
Recommended Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V to 18V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379 for details.
4. For
JC, the “case temp” location is the center of the package underside.
Electrical Specifications V
CC = 8V, 12V, 18V, TA= +25°C, unless otherwise noted. Boldface limits apply across the operating
temperature range, -55°C to +125°C; over radiation total ionizing dose.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 5)TYP
MAX
(Note 5)UNIT
VSUPPLY
Supply Voltage Range
818
V
ICCSB LOW
18V Bias Current
VS = 18V, Inputs = 0V
3.5
mA
VS = 18V, Inputs = 0V
4
mA
VS = 18V, Inputs = 0V, post radiation
4
mA
ICCSB HIGH
18V Bias Current
VS, Inputs = 18V
3.5
mA
VS, Inputs = 18V
4
mA
VS, Inputs = 18V, post radiation
4
mA
ICCSB LOW
8V Bias Current
VS = 8V, Inputs = 0V
3.5
mA
VS = 8V, Inputs = 0V
4
mA
VS = 8V, Inputs = 0V, post radiation
4
mA
ICCSB HIGH
8V Bias Current
VS, Inputs = 8V
3.5
mA
VS, Inputs = 8V
4
mA
VS, Inputs = 8V, post radiation
4
mA
IIL_18
Input Current Low
VS = 18V, Inputs = 0V
-5
0.08
5
µA
VS = 18V, Inputs = 0V
-10
10
µA
VS = 18V, Inputs = 0V, post radiation
-10
10
µA
IIH_18
Input Current High
VS, Inputs = 18V
-5
0.08
5
µA
VS, Inputs = 18V
-10
10
µA
VS, Inputs = 18V, post radiation
-10
10
µA
IIL_8
Input Current Low
VS = 8V, Inputs = 0V
-5
0.08
5
µA
VS = 8V, Inputs = 0V
-10
10
µA
VS = 8V, Inputs = 0V, post radiation
-10
10
µA
IIH_8
Input Current High
VS, Inputs = 8V
-5
0.08
5
µA
VS, Inputs = 8V
-10
10
µA
VS, Inputs = 8V, post radiation
-10
10
µA
VOH
Output Voltage High
VS = 8V, IOUT = 5mA
VS - 0.75
VS - 0.45
V
VS - 0.9
V


Similar Part No. - HS4424DRH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS4-10 ETC2-HS4-10 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
Richco, Inc.
HS4-10 RICHCO-HS4-10 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
List of Unclassifed Man...
HS4-12 ETC2-HS4-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
Richco, Inc.
HS4-12 RICHCO-HS4-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
logo
List of Unclassifed Man...
HS4-14 ETC2-HS4-14 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
More results

Similar Description - HS4424DRH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4423RH INTERSIL-HS-4423RH_14 Datasheet
201Kb / 3P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
HS-4424RH INTERSIL-HS-4424RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
logo
Renesas Technology Corp
ISL74422ARH RENESAS-ISL74422ARH Datasheet
142Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
April 1, 2010
logo
International Rectifier
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com