Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8018EVAL3Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL8018EVAL3Z
Description  8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8018EVAL3Z Datasheet(HTML) 2 Page - Intersil Corporation

  ISL8018EVAL3Z Datasheet HTML 1Page - Intersil Corporation ISL8018EVAL3Z Datasheet HTML 2Page - Intersil Corporation ISL8018EVAL3Z Datasheet HTML 3Page - Intersil Corporation ISL8018EVAL3Z Datasheet HTML 4Page - Intersil Corporation ISL8018EVAL3Z Datasheet HTML 5Page - Intersil Corporation ISL8018EVAL3Z Datasheet HTML 6Page - Intersil Corporation ISL8018EVAL3Z Datasheet HTML 7Page - Intersil Corporation ISL8018EVAL3Z Datasheet HTML 8Page - Intersil Corporation ISL8018EVAL3Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL8018
2
FN7889.0
September 30, 2015
Submit Document Feedback
Pin Configuration
ISL8018
(20 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)PART MARKING
OUTPUT VOLTAGE
(V)
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL8018IRAJZ
018A
Adjustable
-40 to +85
20 Ld 3x4 QFN
L20.3x4
ISL8018EVAL3Z
Evaluation Board
ISL8018DEMO1Z
Demonstration Board
NOTES:
1. Add “-T” suffix for 6k units or “-T7A” suffix for 250 units Tape and Reel options. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8018. For more information on MSL please see techbrief TB363.
1
3
4
PGND
PHASE
PHASE
2
6
9
7
8
VSET
FS
EN
COMP
VIN
PHASE
5
10
15
13
12
14
11
20
17
19
18
16
ISET
SS
VIN
PAD


Similar Part No. - ISL8018EVAL3Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8018EVAL3Z RENESAS-ISL8018EVAL3Z Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8018EVAL3Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL8016 RENESAS-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com