Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3259EIRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL3259EIRZ
Description  15kV ESD Protected, 100Mbps, 5V, PROFIBUS, Full Fail-safe, Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3259EIRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL3259EIRZ Datasheet HTML 5Page - Intersil Corporation ISL3259EIRZ Datasheet HTML 6Page - Intersil Corporation ISL3259EIRZ Datasheet HTML 7Page - Intersil Corporation ISL3259EIRZ Datasheet HTML 8Page - Intersil Corporation ISL3259EIRZ Datasheet HTML 9Page - Intersil Corporation ISL3259EIRZ Datasheet HTML 10Page - Intersil Corporation ISL3259EIRZ Datasheet HTML 11Page - Intersil Corporation ISL3259EIRZ Datasheet HTML 12Page - Intersil Corporation ISL3259EIRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6587.1
February 18, 2008
Application Information
RS-485 and RS-422 are differential (balanced) data
transmission standards for use in long haul or noisy
environments. RS-422 is a subset of RS-485, so RS-485
transceivers are also RS-422 compliant. RS-422 is a
point-to-multipoint (multidrop) standard, which allows only
one driver and up to 10 (assuming one unit load devices)
receivers on each bus. RS-485 is a true multipoint standard,
which allows up to 32 one unit load devices (any mix of
drivers and receivers) on each bus. To allow for multipoint
operation, the RS-485 spec requires that drivers must
handle bus contention without sustaining any damage.
Another important advantage of RS-485 is the extended
common mode range (CMR), which specifies that the driver
outputs and receiver inputs withstand signals that range from
+12V to -7V. RS-422 and RS-485 are intended for runs as
long as 4000’ (~1200m), so the wide CMR is necessary to
handle ground potential differences, as well as voltages
induced in the cable by external fields.
Receiver (Rx) Features
This transceiver utilizes a differential input receiver for
maximum noise immunity and common mode rejection. Input
sensitivity is ±200mV, as required by the RS-422 and RS-485
specifications. Receiver inputs function with common mode
voltages as great as 7V outside the power supplies (i.e.,
+12V and -7V), making them ideal for long networks, or
industrial environments, where induced voltages are a
realistic concern.
The receiver input resistance of 50k
Ω surpasses the RS-422
spec of 4k
Ω, and is 5x the RS-485 “Unit Load” (UL)
requirement of 12k
Ω minimum. Thus, the ISL3259E is
known as a “one-fifth UL” transceiver, and there can be up to
160 devices on the RS-485 bus while still complying with the
RS-485 loading specification.
The receiver is a “full fail-safe” version that guarantees a
high level receiver output if the receiver inputs are
unconnected (floating), shorted together, or connected to a
terminated bus with all the transmitters disabled
(terminated/undriven).
Rx outputs deliver large low state currents (typically >30mA)
at VOL = 1V, to ease the design of optically coupled isolated
networks.
Receivers easily meet the 100Mbps data rate supported by
the driver, and the receiver output is tri-statable via the active
low RE input.
Driver (Tx) Features
The RS-485/RS-422 driver is a differential output device that
delivers at least 2.1V across a 54
Ω load (RS-485/
PROFIBUS), and at least 2.6V across a 100
Ω load (RS-422)
even with VCC = 4.75V. The drivers feature low propagation
delay skew to maximize bit width, and to minimize EMI.
Outputs of the drivers are not slew rate limited, so faster
output transition times allow data rates up to100Mbps. Driver
outputs are tri-statable via the active high DE input.
For parallel applications, bit-to-bit skews between any two
ISL3259E transmitter and receiver pairs are guaranteed to
be no worse than 8ns (4ns max for any two Tx, 4ns max for
any two Rx).
High VOD Improves Noise Immunity and Flexibility
The ISL3259E driver design delivers larger differential output
voltages (VOD) than the RS-485 standard requires, or than
most RS-485 transmitters can deliver. The minimum ±2.1V
VOD guarantees at least ±600mV more noise immunity than
networks built using standard 1.5V VOD transmitters.
Another advantage of the large VOD is the ability to drive more
than two bus terminations, which allows for utilizing the
ISL3259E in “star” and other multi-terminated, “non-standard”
network topologies. Figure 8, details the transmitter’s VOD vs
IOUT characteristic, and includes load lines for four (30Ω) and
six (20
Ω) 120Ω terminations. The figure shows that the driver
typically delivers 1.9/1.5V into 4/6 terminations, even at +85°C.
The RS-485 standard requires a minimum 1.5V VOD into two
terminations, but the ISL3259E typically delivers RS-485
voltage levels with 2x to 3x the number of terminations.
ESD Protection
All pins on the ISL3259E include class 3 (>9kV) Human
Body Model (HBM) ESD protection structures, but the
RS-485 pins (driver outputs and receiver inputs)
incorporate advanced structures allowing them to survive
ESD events in excess of ±16.5kV HBM and ±15kV
IEC61000-4-2. The RS-485 pins are particularly vulnerable
to ESD strikes because they typically connect to an
exposed port on the exterior of the finished product. Simply
touching the port pins, or connecting a cable, can cause an
ESD event that might destroy unprotected ICs. These new
ESD structures protect the device whether or not it is
powered up, and without degrading the RS-485 common
mode range of -7V to +12V. This built-in ESD protection
eliminates the need for board level protection structures
(e.g., transient suppression diodes), and the associated,
undesirable capacitive load they present.
IEC61000-4-2 Testing
The IEC61000 test method applies to finished equipment,
rather than to an individual IC. Therefore, the pins most likely
to suffer an ESD event are those that are exposed to the
outside world (the RS-485 pins in this case), and the IC is
tested in its typical application configuration (power applied)
rather than testing each pin-to-pin combination. The
IEC61000 standard’s lower current limiting resistor coupled
with the larger charge storage capacitor yields a test that is
much more severe than the HBM test. The extra ESD
protection built into this device’s RS-485 pins allows the
design of equipment meeting level 4 criteria without the need
for additional board level protection on the RS-485 port.
ISL3259E


Similar Part No. - ISL3259EIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3259EIRZ INTERSIL-ISL3259EIRZ Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259EIRZ INTERSIL-ISL3259EIRZ Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3259EIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
   -15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com