Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8026 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8026
Description  Compact Synchronous Buck Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8026 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8026 Datasheet HTML 3Page - Intersil Corporation ISL8026 Datasheet HTML 4Page - Intersil Corporation ISL8026 Datasheet HTML 5Page - Intersil Corporation ISL8026 Datasheet HTML 6Page - Intersil Corporation ISL8026 Datasheet HTML 7Page - Intersil Corporation ISL8026 Datasheet HTML 8Page - Intersil Corporation ISL8026 Datasheet HTML 9Page - Intersil Corporation ISL8026 Datasheet HTML 10Page - Intersil Corporation ISL8026 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL8026, ISL8026A
7
FN8736.1
June 26, 2015
Submit Document Feedback
COMPENSATION
Error Amplifier Transconductance
Internal compensation
60
µA/V
External compensation
120
µA/V
Transresistance
Rt
6A application (test at 3.6V)
0.119
0.14
0.166
Ω
PHASE
P-Channel MOSFET ON-resistance
VIN = 5V, IO = 200mA
36
63
VIN = 2.7V, IO = 200mA
52
89
N-Channel MOSFET ON-resistance
VIN = 5V, IO = 200mA
13
30
VIN = 2.7V, IO = 200mA
17
36
PHASE Maximum Duty Cycle
100
PHASE Minimum On-time
SYNC = High
140
ns
OSCILLATOR
Nominal Switching Frequency
fSW
fSW = VIN, ISL8026A
1600
2000
2400
kHz
fSW = VIN, ISL8026
780
1000
1200
kHz
fSW with RS = 402kΩ
490
kHz
fSW with RS = 42.2kΩ
4200
kHz
SYNC Logic Low-to-high Transition Range
0.70
0.75
0.80
V
SYNC Hysteresis
0.15
V
SYNC Logic Input Leakage Current
VIN = 3.6V
3.6
5
µA
PG
Output Low Voltage
0.3
V
Delay Time (Rising Edge)
Time from VOUT reached regulation
0.5
1
2
ms
PG Pin Leakage Current
PG = VIN
0.01
0.1
µA
OVP PG Rising Threshold
0.80
V
UVP PG Rising Threshold
80
85
90
%
UVP PG Hysteresis
30
mV
PGOOD Delay Time (Falling Edge)
7.5
µs
EN
Logic Input Low
0.4
V
Logic Input High
0.9
V
EN Logic Input Leakage Current
Pulled up to 3.6V
0.1
1
µA
Thermal Shutdown
Temperature Rising
150
°C
Thermal Shutdown Hysteresis
Temperature Falling
25
°C
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications Unless otherwise noted, all parameter limits are established across the recommended operating conditions
and are measured at the following conditions: TA = -40°C to +85°C, VIN = 3.6V, EN = VIN, unless otherwise noted. Typical values are at TA = +25°C.
Boldface limits apply across the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT


Similar Part No. - ISL8026

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8026A RENESAS-ISL8026A Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8026AEVAL3Z RENESAS-ISL8026AEVAL3Z Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8026AFRTAJZ RENESAS-ISL8026AFRTAJZ Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8026AIRTAJZ RENESAS-ISL8026AIRTAJZ Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
More results

Similar Description - ISL8026

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
ISL8002 INTERSIL-ISL8002_13 Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL78233ARZ INTERSIL-ISL78233ARZ Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com