Electronic Components Datasheet Search |
|
ISL3259EIBZ Datasheet(PDF) 2 Page - Intersil Corporation |
|
ISL3259EIBZ Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 16 page 2 FN6587.1 February 18, 2008 Ordering Information PART NUMBER (Notes 1, 2) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL3259EIBZ 3259 EIBZ -40 to +85 8 Ld SOIC M8.15 ISL3259EIUZ 3259Z -40 to +85 8 Ld MSOP M8.118 ISL3259EIRZ 3259 -40 to +85 10 Ld 3x3 DFN L10.3x3C NOTES: 1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. Pinouts ISL3259E (8 LD MSOP, SOIC) TOP VIEW ISL3259E (10 LD DFN) TOP VIEW RO RE DE DI 1 2 3 4 8 7 6 5 VCC B/Z A/Y GND D R 2 3 4 1 5 9 8 7 10 6 RO RE DE DI NC VCC NC B/Z A/Y GND Truth Table TRANSMITTING INPUTS OUTPUTS RE DE DI B/Z A/Y X 1101 X 1010 0 0 X High-Z High-Z 1 0 X High-Z* High-Z* NOTE: *Shutdown Mode Truth Table RECEIVING INPUTS OUTPUT RE DE A-B RO 00 ≥-0.05V 1 00 ≤-0.2V 0 0 0 Inputs Open/Shorted 1 1 1 X High-Z 1 0 X High-Z* NOTE: *Shutdown Mode ISL3259E |
Similar Part No. - ISL3259EIBZ |
|
Similar Description - ISL3259EIBZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |