Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT807CTS Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI49FCT807CTS
Description  Fast CMOS Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT807CTS Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI49FCT807CTS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT807CTS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT807CTS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT807CTS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT807CTS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT807CTS Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PI49FCT807/2807T
Fast CMOS Clock Driver
6
PS7008C
06/26/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
r
e
b
m
u
N
t
r
a
Pe
d
o
C
g
n
i
k
r
a
M
p
T
x
7
0
8
T
C
F
9
4
I
Px
p
T
7
0
8
T
C
F
9
4
I
P
p
T
7
0
8
2
T
C
F
9
4
I
Pp
T
7
0
8
2
T
C
F
9
4
I
P
OrderingInformation
Note: x = Speed Grades: “blank”, A, B, C.
p = Package Type:
H=209-milSSOP
Q=150-milQSOP
S=300-milSOIC
Example:
PI49FCT807ATH=Agrade,
HpkgmarkedasPI49FCT807THA
20-Pin 300-Mil SOIC (S)
SEATING
PLANE
.050
BSC
1
20
0-8˚
.2914
.2992
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
7.40
7.60
.496
.511
12.60
12.99
1.27
.0926
.1043
2.35
2.65
.394
.419
10.00
10.65
.0040
.0118
0.10
0.30
.013
.020
0.33
0.51
.010
.029
0.254
0.737
.0091
.0125
0.23
0.32
0.41
1.27
.016
.050
x 45˚
.020
.030
0.508
0.762
REF


Similar Part No. - PI49FCT807CTS

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT804ATP PERICOM-PI49FCT804ATP Datasheet
305Kb / 6P
   Fast CMOS Buffer/Clock Driver
PI49FCT804T PERICOM-PI49FCT804T Datasheet
305Kb / 6P
   Fast CMOS Buffer/Clock Driver
PI49FCT804TP PERICOM-PI49FCT804TP Datasheet
305Kb / 6P
   Fast CMOS Buffer/Clock Driver
PI49FCT805ATH PERICOM-PI49FCT805ATH Datasheet
421Kb / 8P
   Fast CMOS Buffer/Clock Driver
PI49FCT805ATQ PERICOM-PI49FCT805ATQ Datasheet
421Kb / 8P
   Fast CMOS Buffer/Clock Driver
More results

Similar Description - PI49FCT807CTS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3807DQEX PERICOM-PI49FCT3807DQEX Datasheet
788Kb / 9P
   3.3V Fast CMOS Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT3807 PERICOM-PI49FCT3807_09 Datasheet
527Kb / 8P
   3.3V Fast CMOS Clock Driver
logo
Integrated Device Techn...
IDT74FCT162344AT IDT-IDT74FCT162344AT Datasheet
124Kb / 8P
   FAST CMOS ADDRESS/ CLOCK DRIVER
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com