Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP98T06GP-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP98T06GP-HF
Description  Fast Switching Characteristic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP98T06GP-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP98T06GP-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP98T06GP-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP98T06GP-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP98T06GP-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP98T06GP-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
Simple Drive Requirement
BVDSS
60V
Lower Gate Charge
RDS(ON)
5mΩ
Fast Switching Characteristic
ID
80A
RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
IDM
A
PD@TC=25℃
W
EAS
Single Pulse Avalanche Energy
4
mJ
TSTG
TJ
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
0.5
℃/W
Rthj-a
Maixmum Thermal Resistance, Junction-ambient
62
℃/W
Data and specifications subject to change without notice
201501145
1
AP98T06GP-HF
Halogen-Free Product
45
Parameter
Rating
Drain-Source Voltage
60
Pulsed Drain Current
1
320
Gate-Source Voltage
+20
Drain Current, VGS @ 10V
3
80
Total Power Dissipation
250
-55 to 150
Operating Junction Temperature Range
-55 to 150
Thermal Data
Parameter
Storage Temperature Range
G
D
S
G
D
S
TO-220(P)
AP98T06 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide
range of power applications.
The TO-220 package is widely preferred for all commercial-
industrial through hole applications. The low thermal resistance
and low package cost contribute to the worldwide popular
package.


Similar Part No. - AP98T06GP-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP98T06GP-HF A-POWER-AP98T06GP-HF_14 Datasheet
55Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP98T06GP-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com