Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-5101 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA-5101
Description  10MHz, Low Noise, Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5101 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA-5101 Datasheet HTML 2Page - Intersil Corporation HA-5101 Datasheet HTML 3Page - Intersil Corporation HA-5101 Datasheet HTML 4Page - Intersil Corporation HA-5101 Datasheet HTML 5Page - Intersil Corporation HA-5101 Datasheet HTML 6Page - Intersil Corporation HA-5101 Datasheet HTML 7Page - Intersil Corporation HA-5101 Datasheet HTML 8Page - Intersil Corporation HA-5101 Datasheet HTML 9Page - Intersil Corporation HA-5101 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FIGURE 16. FREQUENCY RESPONSE
FIGURE 17. SETTLING WAVEFORM 1.5
µs/DIV.
FIGURE 18. CLOSED-LOOP GAIN vs FREQUENCY
FIGURE 19. REJECTION RATIOS vs FREQUENCY
FIGURE 20. +VOUT vs RL
FIGURE 21. -VOUT vs RL
Typical Performance Curves (Continued)
Vs = ±15V, AV = 1V/V
RL = 2kΩ, CL = 50pF
100M
FREQUENCY (Hz)
10M
1M
100K
10K
-12
-9
-6
-3
0
3
6
-45
-90
-135
-180
-55oC
GAIN
-225
125oC
GAIN
-55oC
PHASE
125oC
PHASE
0
VERROR
2.65
µS
1mV
TA = 25
oC, V
S = ±15V
RL = 2kΩ, CL = 50pF
100M
FREQUENCY (Hz)
10M
1M
100K
10K
-20
-10
0
10
20
30
40
AV = 10
AV = 100
AV = 1
TA = 25
oC, V
s = ±15V
-PSRR/CMRR
+PSRR
FREQUENCY (Hz)
100
1K
10K
100K
1M
-120
-80
-100
-60
-40
600
RLOAD (Ω)
500
400
300
200
9
10
11
12
13
14
100
125oC
-55oC
25oC
VSUPPLY = ±15V
RLOAD
VOUT
10k
100
-0.2V
+
-
600
RLOAD (Ω)
500
400
300
200
-14
-13
-12
-11
-10
-9
100
-55oC
25oC
VSUPPLY = ±15V
RLOAD
VOUT
10k
100
+0.2V
+
-
125oC
-8
-7


Similar Part No. - HA-5101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Intersil Corporation
HA-5101/883 INTERSIL-HA-5101/883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
More results

Similar Description - HA-5101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com