Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M202S3S2W45 Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M202S3S2W45
Description  General Specifications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M202S3S2W45 Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M202S3S2W45 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M202S3S2W45 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M202S3S2W45 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M202S3S2W45 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M202S3S2W45 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M202S3S2W45 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M202S3S2W45 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M202S3S2W45 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M202S3S2W45 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Series M
Angle PC Mount Miniature Toggles
www.nkk.com
A72
A
TYPICAL SWITCH DIMENSIONS
.150” (3.81mm) Right Angle PC
Single Pole
M2012S2A2G30
.150” (3.81mm) Right Angle PC
Double Pole
M2022S2A2G30
.150” (3.81mm) Right Angle PC
Three Pole
Right Angle PCB
Single Pole • Reverse Circuit
M2032S2A2G30
M2012S2A2G32
(2.9)
.114
(1.4) Typ
.055
(5.08)
.200
Keyway
(6.2) Dia
.244
(1.27)
.050
(0.4)
.016
(1.09)
.043
(6.86)
.270
(7.32)
.288
(12.7)
.500
12
3
(13.0)
.512
(7.9)
.311
(4.3)
.169
(0.8) Typ
.031
(4.7) Typ
.185
Keyway
(2.9)
.114
(1.4) Typ
.055
(5.08)
.200
(6.2) Dia
.244
(1.27) Typ
.050
(3.81)
.150
(12.7)
.500
(7.32)
.288
(6.86)
.270
(0.4)
.016
(1.09)
.043
6
5
4
1
2
3
(12.7)
.500
(4.3)
.169
(13.0)
.512
(0.8) Typ
.031
(4.7) Typ
.185
Keyway
(2.9)
.114
(1.4) Typ
.055
(5.08)
.200
(0.9)
.035
(6.2) Dia
.244
(1.27) Typ
.050
(3.81) Typ
.150
(0.4)
.016
(1.8)
.071
(14.35)
.565
(8.0)
.315
(6.86)
.270
78
9
6
5
4
12
3
(17.5)
.689
(4.3)
.169
(13.0)
.512
(0.8) Typ
.031
(4.7) Typ
.185
(1.4) Typ
.055
(5.08)
.200
Keyway
(7.9)
.311
25°
(2.7) Dia
.106
(6.2) Dia
.244
(4.55)
.179
(0.8)
.031
(0.4)
.016
(0.9)
.035
(6.2)
.245
(6.86)
.270
(8.9)
.350
(9.3)
.365
32
1
(8.5)
.335
(2.7)
.106
(13.0)
.512
(3.96) Typ
.156
(1.4) Typ
.055


Similar Part No. - M202S3S2W45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M202SD16AJ ETC2-M202SD16AJ Datasheet
387Kb / 22P
   VACUUM FLUORESCENT DISPLAY MODULE
More results

Similar Description - M202S3S2W45

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com