Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR2T15A Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # OR2T15A
Description  Field-Programmable Gate Arrays
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR2T15A Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button OR2T15A Datasheet HTML 3Page - Lattice Semiconductor OR2T15A Datasheet HTML 4Page - Lattice Semiconductor OR2T15A Datasheet HTML 5Page - Lattice Semiconductor OR2T15A Datasheet HTML 6Page - Lattice Semiconductor OR2T15A Datasheet HTML 7Page - Lattice Semiconductor OR2T15A Datasheet HTML 8Page - Lattice Semiconductor OR2T15A Datasheet HTML 9Page - Lattice Semiconductor OR2T15A Datasheet HTML 10Page - Lattice Semiconductor OR2T15A Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 192 page
background image
Lattice Semiconductor
7
Data Sheet
January 2002
ORCA Series 2 FPGAs
Programmable Logic Cells (continued)
Table 3 lists the basic operating modes of the LUT. The
operating mode affects the functionality of the PFU
input and output ports and internal PFU routing. For
example, in some operating modes, the WD[3:0] inputs
are direct data inputs to the PFU latches/FFs. In the
dual 16 x 2 memory mode, the same WD[3:0] inputs
are used as a 4-bit data input bus into LUT memory.
The PFU is used in a variety of modes, as illustrated in
Figures 4 through 11, and it is these specific modes
that are most relevant to PFU functionality.
PFU Control Inputs
The four control inputs to the PFU are clock (CK), local
set/reset (LSR), clock enable (CE), and C0. The CK,
CE, and LSR inputs control the operation of all four
latches in the PFU. An active-low global set/reset
(GSRN) signal is also available to the latches/FFs in
every PFU. Their operation is discussed briefly here,
and in more detail in the Latches/Flip-Flops section.
The polarity of the control inputs can be inverted.
The CK input is distributed to each PFU from a vertical
or horizontal net. The CE input inhibits the latches/FFs
from responding to data inputs. The CE input can be
disabled, always enabling the clock. Each latch/FF can
be independently programmed to be set or reset by the
LSR and the global set/reset (GSRN) signals. Each
PFU’s LSR input can be configured as synchronous or
asynchronous. The GSRN signal is always asynchro-
nous. The LSR signal applies to all four latches/FFs in
a PFU. The LSR input can be disabled (the default).
The asynchronous set/reset is dominant over clocked
inputs.
The C0 input is used as an input into the special PFU
gates for wide functions in combinatorial logic mode.
In the memory modes, this input is also used as the
write-port enable input. The C0 input can be disabled
(the default).
Look-Up Table Operating Modes
The look-up table (LUT) can be configured to operate
in one of three general modes:
Combinatorial logic mode
Ripple mode
Memory mode
The combinatorial logic mode uses a 64-bit look-up
table to implement Boolean functions. The two 5-bit
logic inputs, A[4:0] and B[4:0], and the C0 input are
used as LUT inputs. The use of these ports changes
based on the PFU operating mode.
The functionality of the LUT is determined by its oper-
ating mode. The entries in Table 3 show the basic
modes of operation for combinatorial logic, ripple, and
memory functions in the LUT. Depending on the oper-
ating mode, the LUT can be divided into sub-LUTs. The
LUT is comprised of two 32-bit half look-up tables,
HLUTA and HLUTB. Each half look-up table (HLUT) is
comprised of two quarter look-up tables (QLUTs).
HLUTA consists of QLUT2 and QLUT3, while HLUTB
consists of QLUT0 and QLUT1. The outputs of QLUT0,
QLUT1, QLUT2, and QLUT3 are F0, F1, F2, and F3,
respectively.
Table 3. Look-Up Table Operating Modes
For combinatorial logic, the LUT can be used to do any
single function of six inputs, any two functions of five
inputs, or four functions of four inputs (with some inputs
shared), and three special functions based on the two
five-input functions and C0.
Mode
Function
F4A
Two functions of four inputs, some inputs
shared (QLUT2/QLUT3)
F4B
Two functions of four inputs, some inputs
shared (QLUT0/QLUT1)
F5A
One function of five inputs (HLUTA)
F5B
One function of five inputs (HLUTB)
R
4-bit ripple (LUT)
MA
16 x 2 asynchronous memory (HLUTA)
MB
16 x 2 asynchronous memory (HLUTB)
SSPM 16 x 4 synchronous single-port memory
SDPM 16 x 2 synchronous dual-port memory


Similar Part No. - OR2T15A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2T15A ETC-OR2T15A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2T15A-2BA208 ETC-OR2T15A-2BA208 Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2T15A-2BA208I ETC-OR2T15A-2BA208I Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2T15A-2BA240 ETC-OR2T15A-2BA240 Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
OR2T15A-2BA240I ETC-OR2T15A-2BA240I Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
More results

Similar Description - OR2T15A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com