Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQF70-0-0660-03 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # MQF70-0-0660-03
Description  Nominal centre frequency fo: 70.0 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MQF70-0-0660-03 Datasheet(HTML) 1 Page - Vectron International, Inc

  MQF70-0-0660-03 Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
04 June 2012
Specification for monolithic crystal filter
M Q F 7 0 . 0 - 0 6 6 0 / 0 3
1. General
1.1. Package:
1.2.
Type name:
MQF 70.0-0660/03
1.3.
Number of poles:
8
1.4.
Operating temperature range:
-30°C to +75°C
1.5.
Storage temperature range:
-55°C to +85°C
2.
Electric values
2.1.
Nominal centre frequency fo:
70.0 MHz
2.2.
Pass band
2.2.1. Bandwidth between 2 dB - frequencies:
> fo  3.3 kHz
2.2.2. Pass band ripple:
< 2.0 dB peak to valley
2.2.3. Group delay distortion:
< 150 µs at fo  3.3 kHz
2.2.4. Insertion loss:
< 6.0 dB
( measured on smallest attenuation in pass band )
2.3.
Stop band
2.3.1. fo  17.5 kHz
> 65 dB
2.3.2. fo  25 kHz…… fo  10 MHz
> 80 dB ( except spurious )
2.3.3. Spurious responses:
> 50 dB
2.4.
Terminating impedance ( input and output ):
50  // 0 pF
2.5.
Intermodulation
2.5.1. Input 3 rd order intercept point ( IIP3 ):
> +32dBm (
out of band performance )
Test tones frequencies :
fo  50 kHz, fo  100 kHz
Input power level:
-10 dBm
3rd order distortion ( measured at fo )
> 84 dB down + insertion loss ( > 89dB at worst )
2.5.2. Input 3 rd order intercept point ( IIP3 ):
> +10dBm (
in band performance )
Test tones frequencies :
fo  2.0 kHz
Input power level:
-10 dBm
3rd order distortion ( measured at fo  6 kHz )
> 40 dB down from either of the
two -10 dBm input test tones
3.
Marking:
manufacturer, date code
MQF 70.0-0660/03
4.
Environment conditions:
Corresponding to Vectron MIL-standard and
MIL - STD 202F
____________________________________________________________________________________
Edited by:
date: ___________________________ name: _________________________________


Similar Part No. - MQF70-0-0660-03

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF70-0-0660-06 VECTRON-MQF70-0-0660-06 Datasheet
159Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
More results

Similar Description - MQF70-0-0660-03

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF70-0-1500-07 VECTRON-MQF70-0-1500-07 Datasheet
67Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-2500-11 VECTRON-MQF70-0-2500-11 Datasheet
69Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-1400-03 VECTRON-MQF70-0-1400-03 Datasheet
60Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-1500-02 VECTRON-MQF70-0-1500-02 Datasheet
58Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-2200-02 VECTRON-MQF70-0-2200-02 Datasheet
169Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-2200-06 VECTRON-MQF70-0-2200-06 Datasheet
169Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-2300-07 VECTRON-MQF70-0-2300-07 Datasheet
48Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-0500-09 VECTRON-MQF70-0-0500-09 Datasheet
263Kb / 2P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-1000-16 VECTRON-MQF70-0-1000-16 Datasheet
99Kb / 2P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-1500-01 VECTRON-MQF70-0-1500-01 Datasheet
58Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com