Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P718-H10-PM Datasheet(PDF) 9 Page - Vincotech

Part # V23990-P718-H10-PM
Description  Compatible with flow 90PACK 1
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P718-H10-PM Datasheet(HTML) 9 Page - Vincotech

Back Button V23990-P718-H10-PM Datasheet HTML 5Page - Vincotech V23990-P718-H10-PM Datasheet HTML 6Page - Vincotech V23990-P718-H10-PM Datasheet HTML 7Page - Vincotech V23990-P718-H10-PM Datasheet HTML 8Page - Vincotech V23990-P718-H10-PM Datasheet HTML 9Page - Vincotech V23990-P718-H10-PM Datasheet HTML 10Page - Vincotech V23990-P718-H10-PM Datasheet HTML 11Page - Vincotech V23990-P718-H10-PM Datasheet HTML 12Page - Vincotech V23990-P718-H10-PM Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
V23990-P718-*-PM
Figure 1
Brake inverse diode
Figure 2
Brake inverse diode
Typical diode forward current as
Diode transient thermal impedance
a function of forward voltage
as a function of pulse width
IF = f(VF)
ZthJH = f(tp)
At
At
tp =
250
µs
D =
tp / T
RthJH =
3,22
K/W
Figure 3
Brake inverse diode
Figure 4
Brake inverse diode
Power dissipation as a
Forward current as a
function of heatsink temperature
function of heatsink temperature
Ptot = f(Th)
IF = f(Th)
At
At
Tj =
150
ºC
Tj =
150
ºC
Brake Inverse Diode
0
5
10
15
20
0
1
2
3
4
VF (V)
Tj = 25°C
Tj = Tjmax-25°C
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
0
10
20
30
40
50
0
30
60
90
120
150
Th (
o C)
0
2
4
6
8
0
30
60
90
120
150
Th (
o C)
copyright Vincotech
9
Revision: 3


Similar Part No. - V23990-P718-H10-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P717-G10-P2-14 VINCOTECH-V23990-P717-G10-P2-14 Datasheet
605Kb / 6P
   3~ phase input rectifier with or without BRC
V23990-P719-G-PM VINCOTECH-V23990-P719-G-PM Datasheet
2Mb / 14P
   Compatible with flow 90PACK 1
More results

Similar Description - V23990-P718-H10-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P719-G-PM VINCOTECH-V23990-P719-G-PM Datasheet
2Mb / 14P
   Compatible with flow 90PACK 1
V23990-P704-F-01-14 VINCOTECH-V23990-P704-F-01-14 Datasheet
1Mb / 11P
   flow 90PACK 1 600V/ 30A
10-F1127PA035SC-L168E09 VINCOTECH-10-F1127PA035SC-L168E09 Datasheet
2Mb / 28P
   Compact Flow 1 housing
10-F1127PA025SC-L167E09 VINCOTECH-10-F1127PA025SC-L167E09 Datasheet
1Mb / 28P
   Compact Flow 1 housing
10-F1127PA050SC-L169E09 VINCOTECH-10-F1127PA050SC-L169E09 Datasheet
2Mb / 30P
   Compact Flow 1 housing
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
logo
Schneider Electric
XKDZ921 SCHNEIDER-XKDZ921 Datasheet
132Kb / 2P
   bellow bellows 1 flat seal - compatible with XKDF
Feb 10, 2022
logo
Maxim Integrated Produc...
DS9090EVKIT MAXIM-DS9090EVKIT Datasheet
1Mb / 9P
   Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
ON Semiconductor
MC74HCT138A ONSEMI-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
1995 REV 6
logo
Motorola, Inc
MC74HCT138A MOTOROLA-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com