Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQF61-44-1500-01 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # MQF61-44-1500-01
Description  Nominal centre frequency fo: 61.44 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MQF61-44-1500-01 Datasheet(HTML) 1 Page - Vectron International, Inc

  MQF61-44-1500-01 Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16 February 2004
Specification for monolithic crystal filter
M Q F 6 1 . 4 4 - 1 5 0 0 / 0 1
1. General
1.1. Package:
1.2.
Type name:
MQF 61.44-1500/01
1.3.
Number of poles:
2
1.4.
Operating temperature range:
-20°C to +70°C
1.5.
Storage temperature range:
-35°C to +85°C
2.
Electric values
2.1.
Nominal centre frequency fo:
61.44 MHz
2.2.
Pass band
2.2.1. Bandwidth between 3 dB - frequencies:
 fo  7.5 kHz
2.2.2. Ripple:
 1.0 dB at fo  5.0 kHz
2.2.3. Insertion loss:
 3.0 dB
( measured on smallest attenuation in pass band )
2.3.
Stop band
2.3.1. fo  100 kHz
 30 dB ( except spurious )
2.3.2. fo  500 kHz
 40 dB ( except spurious )
2.4.
Terminating impedance ( input and output ):
3.0 k // -0.7 pF
3.
Marking:
manufacturer, date code
61.44-1500/01
4.
Environment conditions:
Corresponding to Vectron standard CF001
_____________________________________________________________________________________
Edited by:
date: _______________________________ name: ______________________________


Similar Part No. - MQF61-44-1500-01

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF61-44-1200-01 VECTRON-MQF61-44-1200-01 Datasheet
80Kb / 2P
   Nominal centre frequency fo: 61.44 MHz
More results

Similar Description - MQF61-44-1500-01

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF61-44-1200-01 VECTRON-MQF61-44-1200-01 Datasheet
80Kb / 2P
   Nominal centre frequency fo: 61.44 MHz
MQF21-4-3000-20 VECTRON-MQF21-4-3000-20 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-4000-19 VECTRON-MQF21-4-4000-19 Datasheet
115Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-5000-08 VECTRON-MQF21-4-5000-08 Datasheet
87Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-65-5000-03 VECTRON-MQF21-65-5000-03 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 21.65 MHz
MQF40-5-3000-03 VECTRON-MQF40-5-3000-03 Datasheet
70Kb / 1P
   Nominal centre frequency fo: 40.025 MHz
MQF40-048-2000 VECTRON-MQF40-048-2000_02 Datasheet
168Kb / 1P
   Nominal centre frequency fo: 40.5 MHz
MQF42-0-1000-01 VECTRON-MQF42-0-1000-01 Datasheet
28Kb / 1P
   Nominal centre frequency fo: 42.0 MHz
MQF44-814-3000-04 VECTRON-MQF44-814-3000-04 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 44.814 MHz
MQF45-0-0750-17 VECTRON-MQF45-0-0750-17 Datasheet
58Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com