Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQF45-0-5000-19 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # MQF45-0-5000-19
Description  Nominal centre frequency fo: 45.0 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MQF45-0-5000-19 Datasheet(HTML) 3 Page - Vectron International, Inc

  MQF45-0-5000-19 Datasheet HTML 1Page - Vectron International, Inc MQF45-0-5000-19 Datasheet HTML 2Page - Vectron International, Inc MQF45-0-5000-19 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6. Taping information ( maximum 700 pcs. / reel )
Drawing out direction ( leading direction )
Trailer
cover tape
leader part ( 400mm min, )
200mm min.
150mm min.
carrier tape
components placed
carrier tape
cover tape
160mm min.
240mm min.
P1
Po
P2
Ao
t
Ko
Tape dimension ( mm )
Tape ( all dimensions in mm )
W:
32.0 ± 0.3
So:
28.4 ± 0.1
P1:
16.0 ± 0.1
F:
14.2 ± 0.1
Ko:
6.1 ± 0.1
Ao:
11.2 ± 0.1
Bo:
20.0 ± 0.1
Reel ( all dimension in mm )
A:
ø 330 max.
C:
ø 21.8 ± 0.5
N:
ø 100 min.
W1:
33.5 ± 0.5
W2:
37.5 ± 0.5
W2
W1
Drawing out direction
_____________________________________________________________________________________
Edited by:
date: ____________________________ name: _________________________________


Similar Part No. - MQF45-0-5000-19

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF45-0-5000-13 VECTRON-MQF45-0-5000-13 Datasheet
132Kb / 2P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-5000-18 VECTRON-MQF45-0-5000-18 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
More results

Similar Description - MQF45-0-5000-19

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF45-0-0750-20 VECTRON-MQF45-0-0750-20 Datasheet
69Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-1200-14 VECTRON-MQF45-0-1200-14 Datasheet
166Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-1500-10 VECTRON-MQF45-0-1500-10 Datasheet
69Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-1600-08 VECTRON-MQF45-0-1600-08 Datasheet
140Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-2000-18 VECTRON-MQF45-0-2000-18 Datasheet
160Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-2500-02 VECTRON-MQF45-0-2500-02 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-3000-31 VECTRON-MQF45-0-3000-31 Datasheet
181Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-3800-09 VECTRON-MQF45-0-3800-09 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-0750-04 VECTRON-MQF45-0-0750-04 Datasheet
35Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-1500-63 VECTRON-MQF45-0-1500-63 Datasheet
217Kb / 3P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-2000-17 VECTRON-MQF45-0-2000-17 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com