Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13051ESA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13051ESA+
Description  ±80V Fault-Protected Can Transceiver with Autobaud
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13051ESA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13051ESA+ Datasheet HTML 3Page - Maxim Integrated Products MAX13051ESA+ Datasheet HTML 4Page - Maxim Integrated Products MAX13051ESA+ Datasheet HTML 5Page - Maxim Integrated Products MAX13051ESA+ Datasheet HTML 6Page - Maxim Integrated Products MAX13051ESA+ Datasheet HTML 7Page - Maxim Integrated Products MAX13051ESA+ Datasheet HTML 8Page - Maxim Integrated Products MAX13051ESA+ Datasheet HTML 9Page - Maxim Integrated Products MAX13051ESA+ Datasheet HTML 10Page - Maxim Integrated Products MAX13051ESA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Maxim Integrated
MAX13051
±80V Fault-Protected Can Transceiver
with Autobaud
Typical Operating Characteristics (continued)
(VCC = +5V, RL = 60Ω, CL = 100pF, TA = +25°C, unless otherwise specified.)
DRIVER PROPAGATION DELAY,
(RRS = GND)
MAX13051 toc11
200ns/div
TXD
(2V/div)
VDIFF
(1V/div)
LOOPBACK PROPAGATION DELAY
vs. RRS
RRS (k
Ω)
180
160
140
120
100
80
60
40
20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0
200
RECESSIVE
DOMINANT
PIN
NAME
FUNCTION
1
TXD
Transmit Data Input. TXD is a CMOS/TTL-compatible input from a CAN controller.
2
GND
Ground
3VCC
Supply Voltage. Bypass VCC to GND with a 0.1µF capacitor.
4
RXD
Receive Data Output. RXD is a CMOS/TTL-compatible output from the physical bus lines CANH and CANL.
5
AUTOBAUD
Autobaud Input. Drive AUTOBAUD low for normal operation. Drive AUTOBAUD high for autobaud
operation. When operating in autobaud mode, TXD is looped back to RXD without applying a differential
signal at CANH and CANL.
6
CANL
CAN Bus Line Low
7
CANH
CAN Bus Line High
8RS
Mode-Select Input. Drive RS low or connect to GND for high-speed operation. Connect a resistor between
RS and GND to control output slope. Drive RS high to put into standby mode.
Pin Description


Similar Part No. - MAX13051ESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13051ESA MAXIM-MAX13051ESA Datasheet
251Kb / 12P
   짹80V Fault-Protected Can Transceiver with Autobaud
Rev 0; 11/04
More results

Similar Description - MAX13051ESA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13051 MAXIM-MAX13051 Datasheet
251Kb / 12P
   짹80V Fault-Protected Can Transceiver with Autobaud
Rev 0; 11/04
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
MAX3053 MAXIM-MAX3053_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 1; 5/14
logo
Texas Instruments
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
[Old version datasheet]   Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1_17 Datasheet
545Kb / 38P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
[Old version datasheet]   Automotive Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com