Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7324AEG+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX7324AEG+
Description  I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7324AEG+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX7324AEG+ Datasheet HTML 6Page - Maxim Integrated Products MAX7324AEG+ Datasheet HTML 7Page - Maxim Integrated Products MAX7324AEG+ Datasheet HTML 8Page - Maxim Integrated Products MAX7324AEG+ Datasheet HTML 9Page - Maxim Integrated Products MAX7324AEG+ Datasheet HTML 10Page - Maxim Integrated Products MAX7324AEG+ Datasheet HTML 11Page - Maxim Integrated Products MAX7324AEG+ Datasheet HTML 12Page - Maxim Integrated Products MAX7324AEG+ Datasheet HTML 13Page - Maxim Integrated Products MAX7324AEG+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Serial Interface
Serial Addressing
The MAX7324 operates as a slave that sends and
receives data through an I2C interface. The interface uses
a serial-data line (SDA) and a serial-clock line (SCL) to
achieve bidirectional communication between master(s)
and slave(s). The master initiates all data transfers to
and from the MAX7324 and generates the SCL clock that
synchronizes the data transfer (Figure 1).
SDA operates as both an input and an open-drain output.
A pullup resistor, typically 4.7kΩ, is required on SDA.
SCL operates only as an input. A pullup resistor, typically
4.7kΩ, is required on SCL if there are multiple masters
on the 2-wire interface, or if the master in a single-master
system has an open-drain SCL output.
Each transmission consists of a START condition sent by
a master, followed by the MAX7324's 7-bit slave address
plus R/W bit, 1 or more data bytes, and finally a STOP
condition (Figure 2).
Start and Stop Conditions
Both SCL and SDA remain high when the interface is not
busy. A master signals the beginning of a transmission
with a START (S) condition by transitioning SDA from high
to low while SCL is high. When the master has finished
communicating with the slave, the master issues a STOP
(P) condition by transitioning SDA from low to high while
SCL is high. The bus is then free for another transmission
(Figure 2).
Bit Transfer
One data bit is transferred during each clock pulse.
The data on SDA must remain stable while SCL is high
(Figure 3).
Figure 3. Bit Transfer
Figure 2. Start and Stop Conditions
Figure 1. 2-Wire Serial-Interface Timing Details
SDA
SCL
DATALINE STABLE;
DATAVALID
CHANGE OF DATA
ALLOWED
SDA
SCL
START
CONDITION
STOP
CONDITION
S
P
SCL
SDA
tR
tF
tBUF
START
CONDITION
STOP
CONDITION
REPEATED START CONDITION
START CONDITION
tSU,STO
tHD,STA
tSU,STA
tHD,DAT
tSU,DAT
tLOW
tHIGH
tHD,STA
www.maximintegrated.com
Maxim Integrated │ 10
MAX7324
I2C Port Expander with
Eight Push-Pull Outputs and Eight Inputs


Similar Part No. - MAX7324AEG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7324AEG MAXIM-MAX7324AEG Datasheet
261Kb / 20P
   I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 0; 10/06
More results

Similar Description - MAX7324AEG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7324 MAXIM-MAX7324 Datasheet
261Kb / 20P
   I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 0; 10/06
MAX7320 MAXIM-MAX7320_15 Datasheet
845Kb / 14P
   I2C Port Expander with Eight Push-Pull Outputs
Rev 1; 4/15
MAX7320 MAXIM-MAX7320 Datasheet
214Kb / 14P
   I2C Port Expander with Eight Push-Pull Outputs
Rev 0; 10/05
MAX7319 MAXIM-MAX7319_V01 Datasheet
937Kb / 15P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
19-3809; Rev 2; 5/14
MAX7322 MAXIM-MAX7322_14 Datasheet
1,020Kb / 16P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Inputs
Rev 2; 5/14
MAX7322 MAXIM-MAX7322 Datasheet
215Kb / 18P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Inputs
Rev 1; 9/06
MAX7319 MAXIM-MAX7319 Datasheet
251Kb / 16P
   I2C Port Expander with Eight Inputs and Maskable Transition Detection
Rev 1; 10/05
MAX7323 MAXIM-MAX7323 Datasheet
213Kb / 17P
   I2C Port Expander with 4 Push-Pull Outputs
Rev 1; 7/07
logo
PHOENIX CONTACT
5632B PHOENIX-5632B Datasheet
334Kb / 14P
   Digital Input/Output Module With Eight Inputs and Eight Outputs
logo
Maxim Integrated Produc...
MAX7326 MAXIM-MAX7326 Datasheet
966Kb / 18P
   I 2C Port Expander with 12 Push-Pull Outputs and 4 Inputs
19-3804; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com