Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7321 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 8 Open-Drain I/Os
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7321_14 Datasheet HTML 4Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 5Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 6Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 7Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 8Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 9Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 10Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 11Page - Maxim Integrated Products MAX7321_14 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
There are circumstances where the assumption that SDA
= SCL = V+ on power-up is not true (e.g., in applications
in which there is legitimate bus activity during power-up).
Also, if SDA and SCL are terminated with pullup resis-
tors to a different supply voltage than the MAX7321’s
supply voltage, and if that pullup supply rises later than
the MAX7321’s supply, then SDA or SCL may appear at
power-up to be connected to GND. In such applications,
use the four address combinations that are selected by
connecting address inputs AD2 and AD0 to V+ or GND
(shown in
bold in Table 3). These selections are guaran-
teed to be correct at power-up, independent of SDA and
SCL behavior. If one of the other 12 address combinations
is used, an unexpected combination of pullups might be
asserted until the first I2C transmission (to any device,
not necessarily the MAX7321) is put on the bus, and an
unexpected combination of ports may initialize as
logic-low outputs instead of inputs or logic-high outputs.
Port Inputs
I/O port inputs switch at the CMOS-logic levels, as
determined by the expander’s supply voltage, and are
overvoltage tolerant to +6V, independent of the expander’s
supply voltage.
I/O Port Input Transition Detection
All I/O ports configured as inputs are monitored for changes
since the expander was last accessed through the serial
interface. The state of the input ports is stored in an internal
“snapshot” register for transition monitoring. The snapshot
is continuously compared with the actual input conditions,
and if a change is detected for any port, INT is asserted
to signal a state change. An internal transition flag is set
for that port. The input is sampled (internally latched into
the snapshot register) and the old transition flags cleared
during the I2C acknowledge of every MAX7321 read
and write access. The previous port transition flags are
read through the serial interface as the second byte of a
2-byte read sequence.
Table 3. MAX7321 Address Map
PIN CONNECTION
DEVICE ADDRESS
40kΩ INPUT PULLUP ENABLES
AD2
AD0
A6
A5
A4
A3
A2
A1
A0
I7
I6
I5
I4
I3
I2
I1
I0
SCL
GND
1
1
0
0
0
0
0
Y
Y
Y
Y
SCL
V+
1
1
0
0
0
0
1
Y
Y
Y
Y
Y
Y
Y
Y
SCL
SCL
1
1
0
0
0
1
0
Y
Y
Y
Y
Y
Y
Y
Y
SCL
SDA
1
1
0
0
0
1
1
Y
Y
Y
Y
Y
Y
Y
Y
SDA
GND
1
1
0
0
1
0
0
Y
Y
Y
Y
SDA
V+
1
1
0
0
1
0
1
Y
Y
Y
Y
Y
Y
Y
Y
SDA
SCL
1
1
0
0
1
1
0
Y
Y
Y
Y
Y
Y
Y
Y
SDA
SDA
1
1
0
0
1
1
1
Y
Y
Y
Y
Y
Y
Y
Y
GND
GND
1
1
0
1
0
0
0
GND
V+
1
1
0
1
0
0
1
Y
Y
Y
Y
GND
SCL
1
1
0
1
0
1
0
Y
Y
Y
Y
GND
SDA
1
1
0
1
0
1
1
Y
Y
Y
Y
V+
GND
1
1
0
1
1
0
0
Y
Y
Y
Y
V+
V+
1
1
0
1
1
0
1
Y
Y
Y
Y
Y
Y
Y
Y
V+
SCL
1
1
0
1
1
1
0
Y
Y
Y
Y
Y
Y
Y
Y
V+
SDA
1
1
0
1
1
1
1
Y
Y
Y
Y
Y
Y
Y
Y
www.maximintegrated.com
Maxim Integrated │ 8
MAX7321
I2C Port Expander with 8 Open-Drain I/Os


Similar Part No. - MAX7321_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7321AAP MAXIM-MAX7321AAP Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321AEE MAXIM-MAX7321AEE Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321ASE MAXIM-MAX7321ASE Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321ATE MAXIM-MAX7321ATE Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321AUP MAXIM-MAX7321AUP Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
More results

Similar Description - MAX7321_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
   I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7325 MAXIM-MAX7325 Datasheet
260Kb / 19P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 0; 9/06
MAX7325 MAXIM-MAX7325_V01 Datasheet
1,008Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
MAX7325 MAXIM-MAX7325_12 Datasheet
217Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7325 MAXIM-MAX7325_14 Datasheet
193Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7327 MAXIM-MAX7327 Datasheet
1Mb / 21P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
Rev 0; 8/06
MAX7327 MAXIM-MAX7327_V01 Datasheet
971Kb / 17P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
logo
Microchip Technology
MCP23009 MICROCHIP-MCP23009 Datasheet
643Kb / 50P
   8-Bit I/O Expander with Open-Drain Outputs
2009
MCP23009-E MICROCHIP-MCP23009-E Datasheet
643Kb / 50P
   8-Bit I/O Expander with Open-Drain Outputs
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com