Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7300AAX Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7300AAX
Description  2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7300AAX Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7300AAX Datasheet HTML 1Page - Maxim Integrated Products MAX7300AAX Datasheet HTML 2Page - Maxim Integrated Products MAX7300AAX Datasheet HTML 3Page - Maxim Integrated Products MAX7300AAX Datasheet HTML 4Page - Maxim Integrated Products MAX7300AAX Datasheet HTML 5Page - Maxim Integrated Products MAX7300AAX Datasheet HTML 6Page - Maxim Integrated Products MAX7300AAX Datasheet HTML 7Page - Maxim Integrated Products MAX7300AAX Datasheet HTML 8Page - Maxim Integrated Products MAX7300AAX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Pin Configurations continued at end of data sheet.
● White Goods
● Industrial Controllers
● System Monitoring
General Description
The MAX7300 compact, serial-interfaced, I/O expansion
peripheral provides microprocessors with up to 28 ports.
Each port is individually user configurable to either a logic
input or logic output.
Each port can be configured as either a push-pull logic
output capable of sinking 10mA and sourcing 4.5mA, or
a Schmitt logic input with optional internal pullup. Seven
ports feature configurable transition detection logic, which
generates an interrupt upon change of port logic level. The
MAX7300 is controlled through an I2C-compatible 2-wire
serial interface, and uses four-level logic to allow 16 I2C
addresses from only two select pins.
The MAX7300AAX and MAX7300ATL have 28 ports and
are available in 36-pin SSOP and 40-pin TQFN packages,
respectively. The MAX7300AAI and MAX7300ATI have 20
ports and are available in 28-pin SSOP and TQFN pack-
ages. For an SPI-interfaced version, refer to the MAX7301
data sheet. For a pin-compatible port expander with addi-
tional 24mA constant-current LED drive capability, refer to
the MAX6956 data sheet.
Features
● 400kbps I2C-Compatible Serial Interface
● 2.5V to 5.5V Operation
● -40°C to +125°C Temperature Range
● 20 or 28 I/O Ports, Each Configurable as
Push-Pull Logic Output
Schmitt Logic Input
Schmitt Logic Input with Internal Pullup
● 11µA (max) Shutdown Current
● Logic Transition Detection for Seven I/O Ports
*EP = Exposed pad.
Devices are also available in a lead(Pb)-free/RoHS-compliant
package. Specify lead-free by adding “+” to the part number
when ordering. Devices are also available in tape-and-reel
packaging. Specify tape and reel by adding “T” to the part
number when ordering.
PART
TEMP RANGE
PIN-PACKAGE
MAX7300AAI
-40°C to +125°C
28 SSOP
MAX7300ATI
-40°C to +125°C
28 TQFN-EP*
MAX7300AAX
-40°C to +125°C
36 SSOP
MAX7300ATL
-40°C to +125°C
40 TQFN-EP*
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V+
AD1
SCL
SDA
P31
P30
P22
P29
P28
P27
P26
P25
P24
P23
P21
P20
P19
P18
P17
P16
P15
P14
P13
P12
AD0
GND
GND
ISET
28 SSOP
TOP VIEW
MAX7300
MAX7300
2-Wire-Interfaced, 2.5V to 5.5V,
20-Port or 28-Port I/O Expander
19-2413; Rev 8; 5/14
P5
P4
P7
P8
P6
P10
P9
P12
P13
P11
P15
P14
P17
P18
P16
P20
P19
I/O 5
I/O 4
I/O 7
I/O 8
I/O 6
I/O 10
I/O 9
I/O 12
I/O 13
I/O 11
I/O 15
I/O 14
I/O 17
I/O 18
I/O 16
I/O 20
I/O 19
I/O 21
I/O 22
I/O 23
P22
P23
P21
36
2
3
4
33
35
34
29
27
31
24
25
22
21
23
V+
GND
GND
AD0
AD1
SCL
P30
P29
P31
P27
P28
P25
P24
P26
32
30
26
5
7
9
28
6
8
11
10
12
14
15
13
17
16
19
20
18
SDA
MAX7300AAX
3V
DATA
CLOCK
I/O 24
I/O 25
I/O 27
I/O 26
I/O 29
I/O 30
I/O 28
I/O 31
47nF
39kΩ
1 ISET
Typical Operating Circuit
Ordering Information
Pin Configurations
Application


Similar Part No. - MAX7300AAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7300AAX MAXIM-MAX7300AAX Datasheet
348Kb / 22P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 1; 2/03
MAX7300AAX MAXIM-MAX7300AAX Datasheet
205Kb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
More results

Similar Description - MAX7300AAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7300 MAXIM-MAX7300 Datasheet
348Kb / 22P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 1; 2/03
MAX7300 MAXIM-MAX7300_11 Datasheet
205Kb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX7301 MAXIM-MAX7301_06 Datasheet
281Kb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301 MAXIM-MAX7301 Datasheet
1Mb / 18P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 3; 10/03
MAX7301 MAXIM-MAX7301_V01 Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V 20-Port and 28-Port I/O Expander
19-2438; Rev 10; 8/20
MAX7301AAXT MAXIM-MAX7301AAXT Datasheet
281Kb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301 MAXIM-MAX7301_15 Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V,20-Port and 28-Port I/O Expander
Rev 8; 4/15
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com