Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6962ATH Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6962ATH
Description  4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6962ATH Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6962ATH Datasheet HTML 1Page - Maxim Integrated Products MAX6962ATH Datasheet HTML 2Page - Maxim Integrated Products MAX6962ATH Datasheet HTML 3Page - Maxim Integrated Products MAX6962ATH Datasheet HTML 4Page - Maxim Integrated Products MAX6962ATH Datasheet HTML 5Page - Maxim Integrated Products MAX6962ATH Datasheet HTML 6Page - Maxim Integrated Products MAX6962ATH Datasheet HTML 7Page - Maxim Integrated Products MAX6962ATH Datasheet HTML 8Page - Maxim Integrated Products MAX6962ATH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
MAX6960–MAX6963
4-Wire Serially Interfaced
8 x 8 Matrix Graphic LED Drivers
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 2.7V to 3.6V, TA = TMIN to TMAX, typical values at V+ = 3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS AND OUTPUTS
Input Leakage Current
DIN, CLK,
CS, OSC, ADDIN,
ADDCLK,
RST
IIH, IIL
-100
5
+100
nA
Logic-High Input Voltage
DIN, CLK,
CS, OSC, ADDIN,
ADDCLK,
RST
VIHI
0.7 x
V+
V
Logic-Low Input Voltage
DIN, CLK,
CS, OSC, ADDIN,
ADDCLK,
RST
VILO
0.3 x
V+
V
DOUT Output Rise and Fall Times
tFTDO
CLOAD = 100pF
10
ns
DOUT Output High Voltage
VOHDO
ISOURCE = 20mA
V+ -
0.3
V
DOUT Output Low Voltage
VOLDO
ISINK = 20mA
0.3
V
ADDOUT Output High Voltage
VOHADO
ISOURCE = 500µA
V+ -
0.3
V
ADDOUT Output Low Voltage
VOLADO
ISINK = 500µA
0.3
V
ADDCLK Output High Voltage
VOHACK
ISOURCE = 2.5mA
V+ -
0.3
V
ADDCLK Output Low Voltage
VOLACK
ISINK = 2.5mA
0.3
V
TIMING CHARACTERISTICS
CLK Clock Period
tCP
50
ns
CLK Pulse-Width High
tCH
22
ns
CLK Pulse-Width Low
tCL
22
ns
CS Fall to CLK Rise Setup Time
tCSS
12.5
ns
CLK Rise to
CS Rise Hold Time
tCSH
0ns
DIN Setup Time
tDS
12.5
ns
DIN Hold Time
tDH
10
ns
Output Data Propagation Delay
tDO
22
ns
Minimum
CS Pulse High
tCSW
25
ns
Note 1: All parameters are tested at TA = +25°C. Specifications over temperature are guaranteed by design.


Similar Part No. - MAX6962ATH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6962ATH MAXIM-MAX6962ATH Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6962ATH MAXIM-MAX6962ATH Datasheet
388Kb / 35P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
More results

Similar Description - MAX6962ATH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6960 MAXIM-MAX6960 Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6960 MAXIM-MAX6960_07 Datasheet
388Kb / 35P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com