Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6962AMH Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6962AMH
Description  4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6962AMH Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6962AMH Datasheet HTML 1Page - Maxim Integrated Products MAX6962AMH Datasheet HTML 2Page - Maxim Integrated Products MAX6962AMH Datasheet HTML 3Page - Maxim Integrated Products MAX6962AMH Datasheet HTML 4Page - Maxim Integrated Products MAX6962AMH Datasheet HTML 5Page - Maxim Integrated Products MAX6962AMH Datasheet HTML 6Page - Maxim Integrated Products MAX6962AMH Datasheet HTML 7Page - Maxim Integrated Products MAX6962AMH Datasheet HTML 8Page - Maxim Integrated Products MAX6962AMH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MAX6960–MAX6963
4-Wire Serially Interfaced
8 x 8 Matrix Graphic LED Drivers
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 2.7V to 3.6V, TA = TMIN to TMAX, typical values at V+ = 3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltage with respect to GND.)
V+ .............................................................................-0.3V to +4V
All Other Pins................................................-0.3V to (V+ + 0.3V)
ROW1–ROW8 Sink Current ..............................................750mA
COL1–COL16 Source Current ...........................................48mA
Continuous Power Dissipation (TA = +70°C)
44-Pin MQFP
(derate 12.7 mW/°C over +70°C) ...............................1012mW
44-Pin TQFN
(derate 27mW/°C over +70°C) ...................................2162mW
Operating Temperature Range
(TMIN to TMAX) ..............................................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
2.7
3.6
V
TA = +25°C
250
375
TA = TMIN to +85°C
500
Shutdown Supply Current
ISHDN
Shutdown mode, all
digital inputs at V+
or GND
TA = TMIN to TMAX
600
µA
TA = +25°C
7.5
9
TA = TMIN to +85°C
10
Operating Supply Current
I+
Intensity set to full,
no display load
connected
TA = TMIN to TMAX
11
mA
Master Clock Frequency
fOSC
1.0
8.5
MHz
Dead-Clock Protection
Frequency
fOSC
50
90.5
200
kHz
OSC High Time
tCH
40
ns
OSC Low Time
tCL
40
ns
TA = +25°C
38
40
42
TA = TMIN to +85°C
37
43
VLED = 2.3V, V+ =
3.15V to 3.6V,
current = high
TA = TMIN to TMAX
37
44
TA = +25°C
19
20
21
TA = TMIN to +85°C
18.5
21.5
Anode Column Source Current
COL1–COL16
ISEG
VLED = 2.3V, V+ =
2.7V to 3.6V, current
= low
TA = TMIN to TMAX
18.5
22.0
mA
VLED = 2.3V, V+ = 3.15V to 3.6V,
current = high
200
Anode Column Source-Current
Temperature Variation
COL1–COL16
ITC
VLED = 2.2V, V+ = 2.7V to 3.3V,
current = low
200
ppm/°C
Segment Current Slew Rate
∆ISEG/∆tTA = +25°C
30
mA/µs


Similar Part No. - MAX6962AMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6962AMH MAXIM-MAX6962AMH Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6962AMH MAXIM-MAX6962AMH Datasheet
388Kb / 35P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
More results

Similar Description - MAX6962AMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6960 MAXIM-MAX6960 Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6960 MAXIM-MAX6960_07 Datasheet
388Kb / 35P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com