Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6961ATH Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6961ATH
Description  4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6961ATH Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6961ATH Datasheet HTML 1Page - Maxim Integrated Products MAX6961ATH Datasheet HTML 2Page - Maxim Integrated Products MAX6961ATH Datasheet HTML 3Page - Maxim Integrated Products MAX6961ATH Datasheet HTML 4Page - Maxim Integrated Products MAX6961ATH Datasheet HTML 5Page - Maxim Integrated Products MAX6961ATH Datasheet HTML 6Page - Maxim Integrated Products MAX6961ATH Datasheet HTML 7Page - Maxim Integrated Products MAX6961ATH Datasheet HTML 8Page - Maxim Integrated Products MAX6961ATH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
OPERATING SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
92
59
26
-7
7.2
7.4
7.6
7.8
8.0
7.0
-40
125
3.6V
3.3V
2.7V
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
92
59
26
-7
0.1
0.2
0.3
0.4
0
-40
125
3.6V
3.3V
2.7V
DEAD-CLOCK OSCILLATOR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.38
3.16
2.94
2.72
85
90
95
100
80
2.50
3.60
+25
°C
-40
°C
+125
°C
PEAK-OUTPUT SOURCE CURRENT
vs. SUPPLY VOLTAGE (HIGH-CURRENT MODE)
SUPPLY VOLTAGE (V)
3.4
3.1
2.8
37
39
41
43
45
35
2.5
3.7
2.3V LED
PEAK-OUTPUT SOURCE CURRENT
vs.SUPPLY VOLTAGE (LOW-CURRENT MODE)
SUPPLY VOLTAGE (V)
3.5
3.3
3.1
2.9
2.7
18
19
20
21
22
17
2.5
3.7
2.2V LED
PEAK-OUTPUT SOURCE CURRENT
vs. TEMPERATURE (HIGH-CURRENT MODE)
TEMPERATURE (
°C)
92
59
26
-7
39.6
40.0
40.4
40.8
39.2
-40
125
2.3V LED
3.6V
3.3V
3.15V
MAX6960–MAX6963
4-Wire Serially Interfaced
8 x 8 Matrix Graphic LED Drivers
4
Maxim Integrated
Typical Operating Characteristics


Similar Part No. - MAX6961ATH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6961ATH MAXIM-MAX6961ATH Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6961ATH MAXIM-MAX6961ATH Datasheet
388Kb / 35P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
More results

Similar Description - MAX6961ATH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6960 MAXIM-MAX6960 Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6960 MAXIM-MAX6960_07 Datasheet
388Kb / 35P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com