Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6957ANI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6957ANI
Description  4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6957ANI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6957ANI Datasheet HTML 1Page - Maxim Integrated Products MAX6957ANI Datasheet HTML 2Page - Maxim Integrated Products MAX6957ANI Datasheet HTML 3Page - Maxim Integrated Products MAX6957ANI Datasheet HTML 4Page - Maxim Integrated Products MAX6957ANI Datasheet HTML 5Page - Maxim Integrated Products MAX6957ANI Datasheet HTML 6Page - Maxim Integrated Products MAX6957ANI Datasheet HTML 7Page - Maxim Integrated Products MAX6957ANI Datasheet HTML 8Page - Maxim Integrated Products MAX6957ANI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Typical operating Circuit appears at end of data sheet.
QSPI is a trademark of Motorola, Inc.
MICROWIRE is a registered trademark of National
Semiconductor Corp.
General Description
The MAX6957 compact, serial-interfaced LED display
driver general-purpose I/O (GPIO) peripheral provides
microprocessors with up to 28 ports. Each port is indi-
vidually user configurable to either a logic input, logic
output, or common-anode (CA) LED constant-current
segment driver. Each port configured as an LED seg-
ment driver behaves as a digitally controlled constant-
current sink, with 16 equal current steps from 1.5mA to
24mA. The LED drivers are suitable for both discrete
LEDs and CA numeric and alphanumeric LED digits.
Each port configured as a GPIO can be either a push-
pull logic output capable of sinking 10mA and sourcing
4.5mA, or a Schmitt logic input with optional internal
pullup. Seven ports feature configurable transition
detection logic, which generates an interrupt upon
change of port logic level. The MAX6957 is controlled
through an SPI-compatible 4-wire serial interface.
The MAX6957AAX and MAX6957ATL have 28 ports and
are available in 36-pin SSOP and 40-pin TQFN (6mm x
6mm) packages, respectively. The MAX6957AAI and
MAX6957ANI have 20 ports and are available in 28-pin
SSOP and 28-pin DIP packages, respectively.
For a 2-wire interfaced version, refer to the MAX6956
data sheet.
For a lower cost pin-compatible port expander without
the constant-current LED drive capability, refer to the
MAX7301 data sheet.
Applications
● Set-Top Boxes
● Panel Meters
● White Goods
● Bar Graph Displays
● Industrial Controllers
● System Monitoring
Features
● High-Speed 26MHz SPI-/QSPI™-/MICROWIRE®-
Compatible Serial Interface
● 2.5V to 5.5V Operation
● -40°C to +125°C Temperature Range
● 20 or 28 I/O Ports, Each Configurable as
Constant-Current LED Driver
Push-Pull Logic Output
Schmitt Logic Input
Schmitt Logic Input with Internal Pullup
● 11µA (max) Shutdown Current
● 16-Step Individually Programmable Current Control
for Each LED
● Logic Transition Detection for Seven I/O Ports
Pin Configurations continued at end of data sheet.
*Exposed pad.
PART
TEMP RANGE
PIN-
PACKAGE
MAX6957ANI
-40°C to +125°C
28 DIP
MAX6957AAI
-40°C to +125°C
28 SSOP
MAX6957AAX
-40°C to +125°C
36 SSOP
MAX6957ATL
-40°C to +125°C
40 TQFN-EP*
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V+
CS
SCLK
DIN
P31
P30
P22
P29
P28
P27
P26
P25
P24
P23
P21
P20
P19
P18
P17
P16
P15
P14
P13
P12
DOUT
GND
GND
ISET
SSOP/DIP
TOP VIEW
MAX6957
MAX6957
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and
28-Port LED Display Driver and I/O Expander
19-2429; Rev 5; 7/14
Pin Configurations
Ordering Information


Similar Part No. - MAX6957ANI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6957ANI MAXIM-MAX6957ANI Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
More results

Similar Description - MAX6957ANI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX7301 MAXIM-MAX7301_06 Datasheet
281Kb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301 MAXIM-MAX7301 Datasheet
1Mb / 18P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 3; 10/03
MAX7301 MAXIM-MAX7301_V01 Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V 20-Port and 28-Port I/O Expander
19-2438; Rev 10; 8/20
MAX7301AAXT MAXIM-MAX7301AAXT Datasheet
281Kb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7301 MAXIM-MAX7301_15 Datasheet
1Mb / 17P
   4-Wire-Interfaced, 2.5V to 5.5V,20-Port and 28-Port I/O Expander
Rev 8; 4/15
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX7300 MAXIM-MAX7300_14 Datasheet
1Mb / 20P
   2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 8; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com