Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA256C1 Datasheet(PDF) 6 Page - OKI electronic componets

Part # OPA256C1
Description  Self-Scanning Line Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OPA256C1 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button OPA256C1 Datasheet HTML 2Page - OKI electronic componets OPA256C1 Datasheet HTML 3Page - OKI electronic componets OPA256C1 Datasheet HTML 4Page - OKI electronic componets OPA256C1 Datasheet HTML 5Page - OKI electronic componets OPA256C1 Datasheet HTML 6Page - OKI electronic componets OPA256C1 Datasheet HTML 7Page - OKI electronic componets OPA256C1 Datasheet HTML 8Page - OKI electronic componets OPA256C1 Datasheet HTML 9Page - OKI electronic componets OPA256C1 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
IMAGE SENSORS
OPA256C–1
fA1 or fB2
fA2 or fB1
tBf1, 2
*3
1
2
VOG
Limited to periods during
fA2 rise and fA1 fall, and fB1 rise and fB2 fall.
tSfT
tWfTtHfT
10%
90%
50%
10%
fT
trfT
tffT
f1
AB
*4
90%
10%
90%
10%
90%
50%
10%
tSfRtWfR
tHfR
trfR
tffR
fB2 or fA1
fA1 or fB2
*5
fR
This Material Copyrighted By Its Respective Manufacturer


Similar Part No. - OPA256C1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA250G4 TI-OPA250G4 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA251 TI-OPA251 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA251 TI1-OPA251 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA256C1

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OPA2048CA OKI-OPA2048CA Datasheet
142Kb / 10P
   Self-Scanning Line Sensor
logo
Panasonic Semiconductor
MN512K PANASONIC-MN512K Datasheet
129Kb / 3P
   SELF-SCANNING 512-BIT MOS LINEAR IMAGE SENSOR
logo
ON Semiconductor
LC75700T ONSEMI-LC75700T Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
logo
SHENZHEN FUMAN ELECTRON...
TC7258F FUMAN-TC7258F Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
   Powerful Scanning Performance
logo
SHENZHEN FUMAN ELECTRON...
FM7259 FUMAN-FM7259 Datasheet
303Kb / 5P
   4-channel LED display line scanning blanking control driver chip
TC7258G FUMAN-TC7258G Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258EN FUMAN-TC7258EN Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258E FUMAN-TC7258E Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258GN FUMAN-TC7258GN Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com