Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1046996 Datasheet(PDF) 4 Page - SICK AG

Part # 1046996
Description  SWITCHING AUTOMATION LIGHT GRIDS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1046996 Datasheet(HTML) 4 Page - SICK AG

  1046996 Datasheet HTML 1Page - SICK AG 1046996 Datasheet HTML 2Page - SICK AG 1046996 Datasheet HTML 3Page - SICK AG 1046996 Datasheet HTML 4Page - SICK AG 1046996 Datasheet HTML 5Page - SICK AG 1046996 Datasheet HTML 6Page - SICK AG 1046996 Datasheet HTML 7Page - SICK AG 1046996 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SPL-F280PPS2W04 | SLG
SWITCHING AUTOMATION LIGHT GRIDS
4
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
Sxx-Fxxxxxxx2xxx
2
1
Flat, with stabilizer
Receiver
Sender
3
36.5 (1.44)
6.4
(0.25)
M8
Ø 9 (0.35)
6
5
4
7
7
12.4 (0.49)
1.4 (0.06)
x 45°
Receiver
8
①  First beam
②  Last beam
③  Beam separation (RM)
④  Number of beams (n)
⑤  Detection height (DH)
⑥  Connection
⑦  Same distance
⑧  Number of mounting holes (m)


Similar Part No. - 1046996

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1046996 PHOENIX-1046996 Datasheet
441Kb / 20P
   Distribution block - PTFIX 4/12X1,5-NS15A-FE
Jul 21, 2022
More results

Similar Description - 1046996

ManufacturerPart #DatasheetDescription
logo
SICK AG
ELG1-0150N533 SICK-ELG1-0150N533 Datasheet
508Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0150P513 SICK-ELG3-0150P513 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0210P511 SICK-ELG3-0210P511 Datasheet
511Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P521 SICK-ELG3-0450P521 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
ELG3-0450P561 SICK-ELG3-0450P561 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
FLG4-20012021 SICK-FLG4-20012021 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
FLG2-20018011 SICK-FLG2-20018011 Datasheet
364Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-F028P3PS1T00 SICK-SAS4-F028P3PS1T00 Datasheet
563Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-S012N3PS1T00 SICK-SAS4-S012N3PS1T00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
SAS4-S060P3PS1W00 SICK-SAS4-S060P3PS1W00 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com