Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-K427-A40-PM Datasheet(PDF) 4 Page - Vincotech

Part # V23990-K427-A40-PM
Description  Trench Fieldstop IGBT4 technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K427-A40-PM Datasheet(HTML) 4 Page - Vincotech

  V23990-K427-A40-PM Datasheet HTML 1Page - Vincotech V23990-K427-A40-PM Datasheet HTML 2Page - Vincotech V23990-K427-A40-PM Datasheet HTML 3Page - Vincotech V23990-K427-A40-PM Datasheet HTML 4Page - Vincotech V23990-K427-A40-PM Datasheet HTML 5Page - Vincotech V23990-K427-A40-PM Datasheet HTML 6Page - Vincotech V23990-K427-A40-PM Datasheet HTML 7Page - Vincotech V23990-K427-A40-PM Datasheet HTML 8Page - Vincotech V23990-K427-A40-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
V23990-K427-A40-PM
Figure 1
T1,T2,T3,T4,T5,T6,T7 IGBT
Figure 2
T1,T2,T3,T4,T5,T6,T7 IGBT
Typical output characteristics
IC = f(VCE)
IC = f(VCE)
At
At
tp =
250
µs
tp =
250
µs
Tj =
25
°C
Tj =
150
°C
VGE from
7 V to 17 V in steps of 1 V
VGE from
7 V to 17 V in steps of 1 V
Figure 3
T1,T2,T3,T4,T5,T6,T7 IGBT
Figure 4
D1,D2,D3,D4,D5,D6,D7 FWD
Typical transfer characteristics
Typical diode forward current as
IC = f(VGE)
a function of forward voltage
IF = f(VF)
At
At
tp =
250
µs
tp =
250
µs
VCE =
10
V
T1,T2,T3,T4,T5,T6,T7 / D1,D2,D3,D4,D5,D6,D7
Typical output characteristics
0
20
40
60
80
100
0
1
2
3
4
5
V CE (V)
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
V GE (V)
Tj = 25°C
Tj = Tjmax-25°C
0
20
40
60
80
100
0
1
2
3
4
5
V F (V)
Tj = 25°C
Tj = Tjmax-25°C
0
20
40
60
80
100
0
1
2
3
4
5
V CE (V)
copyright Vincotech
4
Revision: 1.1


Similar Part No. - V23990-K427-A40-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K420-A40-0A-PM VINCOTECH-V23990-K420-A40-0A-PM Datasheet
1Mb / 18P
   Solderless interconnection
V23990-K420-A40-0B-PM VINCOTECH-V23990-K420-A40-0B-PM Datasheet
1Mb / 18P
   Solderless interconnection
V23990-K420-A40-1A-PM VINCOTECH-V23990-K420-A40-1A-PM Datasheet
1Mb / 18P
   Solderless interconnection
V23990-K420-A40-1B-PM VINCOTECH-V23990-K420-A40-1B-PM Datasheet
1Mb / 18P
   Solderless interconnection
V23990-K420-A40-P1-14 VINCOTECH-V23990-K420-A40-P1-14 Datasheet
458Kb / 22P
   Solderless interconnection
More results

Similar Description - V23990-K427-A40-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P707-F40-P1-14 VINCOTECH-V23990-P707-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-K220-A41-PM VINCOTECH-V23990-K220-A41-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
10-FZ127PA015SC-L158E08 VINCOTECH-10-FZ127PA015SC-L158E08 Datasheet
1Mb / 28P
   Trench Fieldstop IGBT4 Technology
V23990-K229-A40-PM VINCOTECH-V23990-K229-A40-PM Datasheet
4Mb / 16P
   Trench Fieldstop IGBT4 technology
V23990-K429-A40-PM VINCOTECH-V23990-K429-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
30-F2127PA075SC-L178E09 VINCOTECH-30-F2127PA075SC-L178E09 Datasheet
2Mb / 30P
   Trench Fieldstop IGBT4 Technology
V23990-K209-A40-PM VINCOTECH-V23990-K209-A40-PM Datasheet
3Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K428-A40-PM VINCOTECH-V23990-K428-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K229-A41-PM VINCOTECH-V23990-K229-A41-PM Datasheet
1Mb / 18P
   Trench Fieldstop IGBT4 technology
V23990-P709-F40-P1-14 VINCOTECH-V23990-P709-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
30-F2127PA100SC-L179E09 VINCOTECH-30-F2127PA100SC-L179E09 Datasheet
1Mb / 30P
   Trench Fieldstop IGBT4 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com