Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-K229-A-0B-PM Datasheet(PDF) 2 Page - Vincotech

Part # V23990-K229-A-0B-PM
Description  Solderless interconnection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K229-A-0B-PM Datasheet(HTML) 2 Page - Vincotech

  V23990-K229-A-0B-PM Datasheet HTML 1Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 2Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 3Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 4Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 5Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 6Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 7Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 8Page - Vincotech V23990-K229-A-0B-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
V23990-K229-A-PM
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
D1,D2,D3,D4,D5,D6,D7
Th=80°C
Tc=80°C
Th=80°C
Tc=80°C
Thermal Properties
Insulation Properties
Vis
t=2s
DC voltage
4000
V
min 12,7
mm
min 12,7
mm
CTI
>200
75
41
Comparative tracking index
Insulation voltage
Creepage distance
Top
Operation temperature under switching condition
Clearance
-40…+(Tjmax - 25)
°C
Storage temperature
Tstg
-40…+125
°C
Tj=Tjmax
tp limited by Tjmax
DC forward current
V
RRM
A
24
Tj=Tjmax
A
W
150
°C
Maximum Junction Temperature
Peak Repetitive Reverse Voltage
Repetitive peak forward current
Power dissipation per Diode
V
Tjmax
IFRM
Ptot
IF
1200
copyright Vincotech
2
Revision: 3.1


Similar Part No. - V23990-K229-A-0B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K229-A-P1-14 VINCOTECH-V23990-K229-A-P1-14 Datasheet
176Kb / 16P
   2nd Gen. PIM Size 2, 1200V / 25A
V23990-K229-A-P1-19 VINCOTECH-V23990-K229-A-P1-19 Datasheet
66Kb / 3P
   Output inverter application
More results

Similar Description - V23990-K229-A-0B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
80-M012PNB008SC-K619C41 VINCOTECH-80-M012PNB008SC-K619C41 Datasheet
314Kb / 17P
   Solderless interconnection
V23990-K220-A40-P1-14 VINCOTECH-V23990-K220-A40-P1-14 Datasheet
511Kb / 22P
   Solderless interconnection
V23990-K229-A41-D3-14 VINCOTECH-V23990-K229-A41-D3-14 Datasheet
393Kb / 22P
   Solderless interconnection
V23990-K420-A40-P1-14 VINCOTECH-V23990-K420-A40-P1-14 Datasheet
458Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M006PNB010SA-K615 VINCOTECH-80-M006PNB010SA-K615 Datasheet
939Kb / 17P
   Solderless interconnection
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com