Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-K242-A-PM Datasheet(PDF) 5 Page - Vincotech

Part # V23990-K242-A-PM
Description  Solderless spring contact mounting system
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K242-A-PM Datasheet(HTML) 5 Page - Vincotech

  V23990-K242-A-PM Datasheet HTML 1Page - Vincotech V23990-K242-A-PM Datasheet HTML 2Page - Vincotech V23990-K242-A-PM Datasheet HTML 3Page - Vincotech V23990-K242-A-PM Datasheet HTML 4Page - Vincotech V23990-K242-A-PM Datasheet HTML 5Page - Vincotech V23990-K242-A-PM Datasheet HTML 6Page - Vincotech V23990-K242-A-PM Datasheet HTML 7Page - Vincotech V23990-K242-A-PM Datasheet HTML 8Page - Vincotech V23990-K242-A-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
V23990-K242-A-PM
Figure 5
T1,T2,T3,T4,T5,T6,T7 IGBT
Figure 6
T1,T2,T3,T4,T5,T6,T7 IGBT
Typical switching energy losses
Typical switching energy losses
as a function of collector current
as a function of gate resistor
E = f(IC)
E = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
300
V
VCE =
300
V
VGE =
±15
V
VGE =
±15
V
Rgon =
8
IC =
75
A
Rgoff =
8
Figure 7
T1,T2,T3,T4,T5,T6,T7 IGBT
Figure 8
T1,T2,T3,T4,T5,T6,T7 IGBT
Typical reverse recovery energy loss
Typical reverse recovery energy loss
as a function of collector current
as a function of gate resistor
Erec = f(IC)
Erec = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
300
V
VCE =
300
V
VGE =
±15
V
VGE =
±15
V
Rgon =
8
IC =
75
A
T1,T2,T3,T4,T5,T6,T7 / D1,D2,D3,D4,D5,D6,D7
Eon High T
Eoff High T
Eon Low T
Eoff Low T
0,0
1,0
2,0
3,0
4,0
5,0
6,0
0
30
60
90
120
150
I C (A)
Eoff High T
Eon High T
Eon Low T
Eoff Low T
0,0
1,0
2,0
3,0
4,0
5,0
6,0
0
8
16
24
32
40
R G ( Ω )
Tj = Tjmax -25°C
Erec
Tj = 25°C
Erec
0
0,4
0,8
1,2
1,6
2
0
30
60
90
120
150
I C (A)
Tj = Tjmax -25°C
Erec
Tj = 25°C
Erec
0
0,4
0,8
1,2
1,6
2
0
8
16
24
32
40
R G ( Ω )
25/125
25/125
25/125
25/125
5
Revision: 3.1
Copyright by Vincotech


Similar Part No. - V23990-K242-A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K242-A-T1-14 VINCOTECH-V23990-K242-A-T1-14 Datasheet
171Kb / 13P
   2nd Gen. PIM Size 3, 600V / 75A
More results

Similar Description - V23990-K242-A-PM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACS101 SCHNEIDER-XACS101 Datasheet
146Kb / 3P
   spring return contact block - 1 NO - base mounting
Mar 21, 2022
logo
Molex Electronics Ltd.
PS-105439-001 MOLEX-PS-105439-001 Datasheet
139Kb / 5P
   CONTACT SPRING
2015/03/30
PS-105384-001 MOLEX-PS-105384-001 Datasheet
185Kb / 4P
   CONTACT SPRING
2015/11/09
logo
Vincotech
10-PY126PA020ME-L227F18Y VINCOTECH-10-PY126PA020ME-L227F18Y Datasheet
1Mb / 16P
   Solderless Press-fit Mounting Technology
logo
Schneider Electric
LADN403 SCHNEIDER-LADN403 Datasheet
136Kb / 3P
   Auxiliary contact block, TeSys D, 4NO, front mounting, spring terminals
LADN043 SCHNEIDER-LADN043 Datasheet
136Kb / 3P
   Auxiliary contact block, TeSys D, 4NC, front mounting, spring terminals
logo
Japan Aviation Electron...
CONT-JL05-12S-C1 JAE-CONT-JL05-12S-C1 Datasheet
63Kb / 1P
   SPRING SOCKET CONTACT
CONT-JL05-08S-C1 JAE-CONT-JL05-08S-C1 Datasheet
68Kb / 1P
   SPRING SOCKET CONTACT
logo
Schneider Electric
LA1KN403 SCHNEIDER-LA1KN403 Datasheet
133Kb / 2P
   Auxiliary contact block, TeSys K, 4NO, front mounting, spring terminals
LADN023 SCHNEIDER-LADN023 Datasheet
121Kb / 3P
   Auxiliary contact block, TeSys D, 2NC, front mounting, spring terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com