Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-K209-A40-0B-PM Datasheet(PDF) 1 Page - Vincotech

Part # V23990-K209-A40-0B-PM
Description  Trench Fieldstop IGBT4 technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K209-A40-0B-PM Datasheet(HTML) 1 Page - Vincotech

  V23990-K209-A40-0B-PM Datasheet HTML 1Page - Vincotech V23990-K209-A40-0B-PM Datasheet HTML 2Page - Vincotech V23990-K209-A40-0B-PM Datasheet HTML 3Page - Vincotech V23990-K209-A40-0B-PM Datasheet HTML 4Page - Vincotech V23990-K209-A40-0B-PM Datasheet HTML 5Page - Vincotech V23990-K209-A40-0B-PM Datasheet HTML 6Page - Vincotech V23990-K209-A40-0B-PM Datasheet HTML 7Page - Vincotech V23990-K209-A40-0B-PM Datasheet HTML 8Page - Vincotech V23990-K209-A40-0B-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
V23990-K209-A40-PM
MiniSKiiP® 1 PIM
1200V / 8A
● Solderless interconnection
● Trench Fieldstop IGBT4 technology
● Industrial Motor Drives
● V23990-K209-A40-PM
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
1600
V
Maximum Junction Temperature
Tjmax
150
°C
T1,T2,T3,T4,T5,T6,T7
tSC
Tj≤150°C
10
µs
VCC
VGE=15V
800
V
175
Tj=Tjmax
Tj=Tjmax
tp limited by Tjmax
IC
±20
W
A
Collector-emitter break down voltage
Repetitive peak collector current
DC collector current
VCE
ICpulse
D8,D9,D10,D11,D12,D13
Th=80°C
Tj=Tjmax
DC forward current
29
Features
MiniSKiiP
® 1 housing
Target Applications
Schematic
A
Types
I
2t-value
Maximum Ratings
IFAV
A
2s
IFSM
Condition
Tj=Tjmax
A
V
°C
V
Gate-emitter peak voltage
Maximum Junction Temperature
Power dissipation per IGBT
VGE
Tjmax
Ptot
Short circuit ratings
Th=80°C
1200
24
52
14
A
W
tp=10ms
220
Th=80°C
Power dissipation per Diode
Ptot
Surge forward current
I
2t
46
240
Tj=25°C
Th=80°C
Copyright by Vincotech
1
Revision: 4.2


Similar Part No. - V23990-K209-A40-0B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K209-A40-P1-14 VINCOTECH-V23990-K209-A40-P1-14 Datasheet
475Kb / 22P
   Solderless interconnection
V23990-K209-A40-P1-19 VINCOTECH-V23990-K209-A40-P1-19 Datasheet
73Kb / 3P
   Output Inverter Application
More results

Similar Description - V23990-K209-A40-0B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P707-F40-P1-14 VINCOTECH-V23990-P707-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-K220-A41-PM VINCOTECH-V23990-K220-A41-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
10-FZ127PA015SC-L158E08 VINCOTECH-10-FZ127PA015SC-L158E08 Datasheet
1Mb / 28P
   Trench Fieldstop IGBT4 Technology
V23990-K229-A40-PM VINCOTECH-V23990-K229-A40-PM Datasheet
4Mb / 16P
   Trench Fieldstop IGBT4 technology
V23990-K429-A40-PM VINCOTECH-V23990-K429-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
30-F2127PA075SC-L178E09 VINCOTECH-30-F2127PA075SC-L178E09 Datasheet
2Mb / 30P
   Trench Fieldstop IGBT4 Technology
V23990-K428-A40-PM VINCOTECH-V23990-K428-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K229-A41-PM VINCOTECH-V23990-K229-A41-PM Datasheet
1Mb / 18P
   Trench Fieldstop IGBT4 technology
V23990-P709-F40-P1-14 VINCOTECH-V23990-P709-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
30-F2127PA100SC-L179E09 VINCOTECH-30-F2127PA100SC-L179E09 Datasheet
1Mb / 30P
   Trench Fieldstop IGBT4 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com