Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-K203-A-0A-PM Datasheet(PDF) 5 Page - Vincotech

Part # V23990-K203-A-0A-PM
Description  Trench Fieldstop IGBT3 technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K203-A-0A-PM Datasheet(HTML) 5 Page - Vincotech

  V23990-K203-A-0A-PM Datasheet HTML 1Page - Vincotech V23990-K203-A-0A-PM Datasheet HTML 2Page - Vincotech V23990-K203-A-0A-PM Datasheet HTML 3Page - Vincotech V23990-K203-A-0A-PM Datasheet HTML 4Page - Vincotech V23990-K203-A-0A-PM Datasheet HTML 5Page - Vincotech V23990-K203-A-0A-PM Datasheet HTML 6Page - Vincotech V23990-K203-A-0A-PM Datasheet HTML 7Page - Vincotech V23990-K203-A-0A-PM Datasheet HTML 8Page - Vincotech V23990-K203-A-0A-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
V23990-K203-A-PM
datasheet
Figure 5
IGBT
Figure 6
IGBT
Typical switching energy losses
Typical switching energy losses
as a function of collector current
as a function of gate resistor
E = f(IC)
E = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
300
V
VCE =
300
V
VGE =
15
V
VGE =
15
V
Rgon =
32
IC =
15
A
Rgoff =
16
Figure 7
IGBT
Figure 8
IGBT
Typical reverse recovery energy loss
Typical reverse recovery energy loss
as a function of collector current
as a function of gate resistor
Erec = f(IC)
Erec = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
300
V
VCE =
300
V
VGE =
15
V
VGE =
15
V
Rgon =
32
IC =
15
A
T1,T2,T3,T4,T5,T6,T7 / D1,D2,D3,D4,D5,D6,D7
Eon High T
Eoff High T
Eon Low T
Eoff Low T
0
0,4
0,8
1,2
1,6
0
5
10
15
20
25
30
I C (A)
Eoff High T
Eon High T
Eon Low T
Eoff Low T
0
0,2
0,4
0,6
0,8
1
1,2
0
25
50
75
100
125
150
R G ( Ω )
Tj = Tjmax -25°C
Erec
Tj = 25°C
Erec
0
0,1
0,2
0,3
0,4
0
5
10
15
20
25
30
I C (A)
Tj = Tjmax -25°C
Erec
Tj = 25°C
Erec
0
0,1
0,2
0,3
0,4
0
25
50
75
100
125
150
R G ( Ω )
25/125
25/125
25/125
25/125
copyright Vincotech
5
Revision: 3


Similar Part No. - V23990-K203-A-0A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K203-A-P-14 VINCOTECH-V23990-K203-A-P-14 Datasheet
298Kb / 19P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 15A
V23990-K203-A-P-19 VINCOTECH-V23990-K203-A-P-19 Datasheet
56Kb / 3P
   Output inverter application
More results

Similar Description - V23990-K203-A-0A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K204-A-PM VINCOTECH-V23990-K204-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-P823-F-P2-14 VINCOTECH-V23990-P823-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-P825-F-P2-14 VINCOTECH-V23990-P825-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-P824-F-P2-14 VINCOTECH-V23990-P824-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-K201-A-PM VINCOTECH-V23990-K201-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-K202-A-PM VINCOTECH-V23990-K202-A-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-P635-A-D2-14 VINCOTECH-V23990-P635-A-D2-14 Datasheet
2Mb / 32P
   Trench Fieldstop Technology IGBT3 for low saturation loss
V23990-K222-A-PM VINCOTECH-V23990-K222-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop technology
V23990-P707-F40-P1-14 VINCOTECH-V23990-P707-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-K220-A41-PM VINCOTECH-V23990-K220-A41-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com