Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-K201-A-0B-PM Datasheet(PDF) 8 Page - Vincotech

Part # V23990-K201-A-0B-PM
Description  Trench Fieldstop IGBT3 technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K201-A-0B-PM Datasheet(HTML) 8 Page - Vincotech

Back Button V23990-K201-A-0B-PM Datasheet HTML 4Page - Vincotech V23990-K201-A-0B-PM Datasheet HTML 5Page - Vincotech V23990-K201-A-0B-PM Datasheet HTML 6Page - Vincotech V23990-K201-A-0B-PM Datasheet HTML 7Page - Vincotech V23990-K201-A-0B-PM Datasheet HTML 8Page - Vincotech V23990-K201-A-0B-PM Datasheet HTML 9Page - Vincotech V23990-K201-A-0B-PM Datasheet HTML 10Page - Vincotech V23990-K201-A-0B-PM Datasheet HTML 11Page - Vincotech V23990-K201-A-0B-PM Datasheet HTML 12Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
V23990-K201-A-PM
datasheet
Figure 17
D1,D2,D3,D4,D5,D6,D7 FWD
Figure 18
D1,D2,D3,D4,D5,D6,D7 FWD
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(IC)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
300
V
VR =
300
V
VGE =
15
V
IF =
6
A
Rgon =
64
VGE =
15
V
Figure 19
T1,T2,T3,T4,T5,T6,T7 IGBT
Figure 20
D1,D2,D3,D4,D5,D6,D7 FWD
IGBT transient thermal impedance
FWD transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)
ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
2,40
K/W
RthJH =
3,00
K/W
IGBT thermal model values
FWD thermal model values
R (K/W)
Tau (s)
R (K/W)
Tau (s)
0,08
9,7E+00
0,17
1,2E+00
0,18
4,8E-01
0,87
1,1E-01
0,82
7,5E-02
0,95
2,6E-02
0,59
1,5E-02
0,56
4,6E-03
0,43
2,9E-03
0,50
8,4E-04
0,30
3,0E-04
T1,T2,T3,T4,T5,T6,T7 / D1,D2,D3,D4,D5,D6,D7
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
dI0/dt
dIrec/dt
0
200
400
600
800
0
90
180
270
R gon ( Ω
Ω )
0
100
200
300
400
500
600
0
2
4
6
8
10
I C (A)
dIrec/dt
dI0/dt
25/125
25/125
copyright Vincotech
8
Revision: 3


Similar Part No. - V23990-K201-A-0B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K201-A-T1-14 VINCOTECH-V23990-K201-A-T1-14 Datasheet
161Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 6A
More results

Similar Description - V23990-K201-A-0B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K204-A-PM VINCOTECH-V23990-K204-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-P823-F-P2-14 VINCOTECH-V23990-P823-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-P825-F-P2-14 VINCOTECH-V23990-P825-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-P824-F-P2-14 VINCOTECH-V23990-P824-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-K202-A-PM VINCOTECH-V23990-K202-A-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-K203-A-PM VINCOTECH-V23990-K203-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-P635-A-D2-14 VINCOTECH-V23990-P635-A-D2-14 Datasheet
2Mb / 32P
   Trench Fieldstop Technology IGBT3 for low saturation loss
V23990-K222-A-PM VINCOTECH-V23990-K222-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop technology
V23990-P707-F40-P1-14 VINCOTECH-V23990-P707-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-K220-A41-PM VINCOTECH-V23990-K220-A41-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com