Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FZ06NRA045FH01-P965F10 Datasheet(PDF) 9 Page - Vincotech

Part # 10-FZ06NRA045FH01-P965F10
Description  Neutral point clamped inverter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ06NRA045FH01-P965F10 Datasheet(HTML) 9 Page - Vincotech

Back Button 10-FZ06NRA045FH01-P965F10 Datasheet HTML 5Page - Vincotech 10-FZ06NRA045FH01-P965F10 Datasheet HTML 6Page - Vincotech 10-FZ06NRA045FH01-P965F10 Datasheet HTML 7Page - Vincotech 10-FZ06NRA045FH01-P965F10 Datasheet HTML 8Page - Vincotech 10-FZ06NRA045FH01-P965F10 Datasheet HTML 9Page - Vincotech 10-FZ06NRA045FH01-P965F10 Datasheet HTML 10Page - Vincotech 10-FZ06NRA045FH01-P965F10 Datasheet HTML 11Page - Vincotech 10-FZ06NRA045FH01-P965F10 Datasheet HTML 12Page - Vincotech 10-FZ06NRA045FH01-P965F10 Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
FZ06NRA045FH01
preliminary datasheet
Figure 17
FRED
Figure 18
FRED
Typical rate of fall of forward and reverse recovery current
Typical rate of fall of forward and reverse recovery current
as a function of collector current
as a function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(Ic)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
350
V
VR =
350
V
VGE =
15
V
IF =
30
A
Rgon =
8
VGE =
15
V
Figure 19
MOSFET
Figure 20
FRED
IGBT transient thermal impedance as a function of pulse width
FRED transient thermal impedance as a function of pulse width
ZthJH = f(tp)ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
0,56
K/W
RthJH =
1,95
K/W
IGBT thermal model values
FRED thermal model values
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,04
8,6E+00
0,06
7,9E+00
0,13
1,4E+00
0,24
1,0E+00
0,23
2,2E-01
0,90
1,4E-01
0,09
3,6E-02
0,50
3,1E-02
0,03
5,0E-03
0,17
3,7E-03
0,05
2,6E-04
0,09
5,7E-04
Buck
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
11
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
11
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
dI0/dtHigh T
dIrec/dtHigh T
dI0/dtLow T
dIrec/dtLow T
0
5000
10000
15000
20000
25000
30000
0
8
16
24
32
40
R gon (W)
di0/dtHigh T
dIrec/dtHigh T
dIrec/dtLow T
dIo/dtLow T
0
5000
10000
15000
20000
25000
0
10
203040
5060
I C (A)
copyright Vincotech
9
Revision: 2


Similar Part No. - 10-FZ06NRA045FH01-P965F10

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ06NRA045FH01 VINCOTECH-10-FZ06NRA045FH01 Datasheet
2Mb / 27P
   reactive power capability
More results

Similar Description - 10-FZ06NRA045FH01-P965F10

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06NPA070FP VINCOTECH-FZ06NPA070FP Datasheet
2Mb / 25P
   neutral point clamped inverter
30-F206NIA200SA-M105F VINCOTECH-30-F206NIA200SA-M105F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
FZ06NRA045FH VINCOTECH-FZ06NRA045FH Datasheet
2Mb / 27P
   neutral point clamped inverter
10-F106NIA100SA-M135F VINCOTECH-10-F106NIA100SA-M135F Datasheet
3Mb / 27P
   Neutral-point-Clamped inverter
10-FZ06NRA060FU-P967F08 VINCOTECH-10-FZ06NRA060FU-P967F08 Datasheet
966Kb / 27P
   Neutral point clamped inverter
10-PY06NRA021FS-M410FY VINCOTECH-10-PY06NRA021FS-M410FY Datasheet
1Mb / 27P
   Neutral point clamped inverter
10-FZ06NIA030SA-P924F33 VINCOTECH-10-FZ06NIA030SA-P924F33 Datasheet
1Mb / 24P
   Neutral-point-Clamped inverter
FZ06NPA045FP VINCOTECH-FZ06NPA045FP Datasheet
3Mb / 25P
   neutral point clamped inverter
2NMA040SH-M267F VINCOTECH-2NMA040SH-M267F Datasheet
4Mb / 27P
   neutral point clamped inverter
10-PY07N3A030SM-M894F08Y VINCOTECH-10-PY07N3A030SM-M894F08Y Datasheet
1Mb / 28P
   Neutral-point-Clamped inverter
F206NIA300SA-M106F VINCOTECH-F206NIA300SA-M106F Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com