Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL1254 Datasheet(PDF) 1 Page - Faraday Technology

Part # FL1254
Description  OVERSAMPLING FILTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FL1254 Datasheet(HTML) 1 Page - Faraday Technology

  FL1254 Datasheet HTML 1Page - Faraday Technology FL1254 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara198s.doc
Page 1 of 2
May-00(A)
1
Measured against sinx/x roll off for a sampling frequency of 27 MHz.
Type Number
FL1300
FL1254
Filter Type
Luminance Pre
Luminance Post
Filter Shape
Lowpass
Lowpass
Passband Shape
Flat
Sinx/x
Sampling Frequency
27 MHz
27 MHz
Insertion Loss at 100 kHz
<0.5 dB
<2.0 dB
End Of Passband
5.75 MHz
5.75 MHz
Passband Amplitude Ripple
< 0.05 dB
< 0.05 dB
Start Of Stopband
21.25 MHz
21.25 MHz
Stopband Attenuation wrt 5.75 MHz
>40 dB
>40 dB
Group Delay Ripple
<6 ns
<8 ns
Group Delay Bandwidth
5.75 MHz
5.75 MHz
Impedance
75 ohms
75 ohms
Aqueous Washable
Yes
Yes
Package
DR00107B
DR00107B
OVERSAMPLING FILTERS
FL1300/FL1254


Similar Part No. - FL1254

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FL12KM-12A POWEREX-FL12KM-12A Datasheet
47Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FL12KM-12A RENESAS-FL12KM-12A Datasheet
93Kb / 5P
   MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FL12KM-12A RENESAS-FL12KM-12A Datasheet
114Kb / 7P
   HIGH-SPEED SWITCHING USE
FL12KM-12A RENESAS-FL12KM-12A_15 Datasheet
114Kb / 7P
   HIGH-SPEED SWITCHING USE
logo
Mitsubishi Electric Sem...
FL12KM-7A MITSUBISHI-FL12KM-7A Datasheet
58Kb / 4P
   HIGH-SPEED SWITCHING USE Nch POWER MOSFET
More results

Similar Description - FL1254

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FL676 FARADAY-FL676 Datasheet
61Kb / 2P
   Video Oversampling Filters
OBYSB FARADAY-OBYSB Datasheet
84Kb / 2P
   VIDEO OVERSAMPLING SMD FILTERS
REYFA FARADAY-REYFA Datasheet
71Kb / 3P
   VIDEO OVERSAMPLING SMD FILTERS
OCYSA FARADAY-OCYSA Datasheet
27Kb / 3P
   VIDEO OVERSAMPLING SMD FILTERS
ODYFA FARADAY-ODYFA Datasheet
48Kb / 2P
   VIDEO OVERSAMPLING SMD FILTERS
RAYSA FARADAY-RAYSA Datasheet
71Kb / 3P
   VIDEO OVERSAMPLING SMD FILTERS
OAYSA FARADAY-OAYSA Datasheet
58Kb / 2P
   VIDEO OVERSAMPLING SMD FILTERS
OBYPB FARADAY-OBYPB Datasheet
84Kb / 2P
   VIDEO OVERSAMPLING SMD FILTERS
FL952 FARADAY-FL952 Datasheet
51Kb / 2P
   OVERSAMPLING FILTER
logo
Analog Devices
MT-017 AD-MT-017 Datasheet
158Kb / 7P
   Oversampling Interpolating DACs
Rev.A, 10/08, WK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com