Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30-F206R6A100SB-M444E Datasheet(PDF) 6 Page - Vincotech

Part # 30-F206R6A100SB-M444E
Description  IGBT3 technology for low saturation losses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

30-F206R6A100SB-M444E Datasheet(HTML) 6 Page - Vincotech

  30-F206R6A100SB-M444E Datasheet HTML 1Page - Vincotech 30-F206R6A100SB-M444E Datasheet HTML 2Page - Vincotech 30-F206R6A100SB-M444E Datasheet HTML 3Page - Vincotech 30-F206R6A100SB-M444E Datasheet HTML 4Page - Vincotech 30-F206R6A100SB-M444E Datasheet HTML 5Page - Vincotech 30-F206R6A100SB-M444E Datasheet HTML 6Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
F206R6A100SB
target datasheet
PRODUCT STATUS DEFINITIONS
Formative or In Design
First Production
Full Production
DISCLAIMER
LIFE SUPPORT POLICY
As used herein:
The information given in this datasheet describes the type of component and does not represent assured characteristics. For tested
values please contact Vincotech.Vincotech reserves the right to make changes without further notice to any products herein to improve
reliability, function or design. Vincotech does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights, nor the rights of others.
Vincotech products are not authorised for use as critical components in life support devices or systems without the express written
approval of Vincotech.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or
sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in labelling can be
reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to
cause the failure of the life support device or system, or to affect its safety or effectiveness.
Target
Product Status
Datasheet Status
Definition
This datasheet contains the design specifications for
product development. Specifications may change in any
manner without notice. The data contained is exclusively
intended for technically trained staff.
Preliminary
This datasheet contains preliminary data, and
supplementary data may be published at a later date.
Vincotech reserves the right to make changes at any time
without notice in order to improve design. The data
contained is exclusively intended for technically trained
staff.
Final
This datasheet contains final specifications. Vincotech
reserves the right to make changes at any time without
notice in order to improve design. The data contained is
exclusively intended for technically trained staff.
copyright
by Vincotech
6
Revision: 3


Similar Part No. - 30-F206R6A100SB-M444E

ManufacturerPart #DatasheetDescription
logo
Vincotech
30-F206R6A150SB-M445E VINCOTECH-30-F206R6A150SB-M445E Datasheet
603Kb / 6P
   IGBT3 technology for low saturation losses
30-F206R6A150SB01-M445E10 VINCOTECH-30-F206R6A150SB01-M445E10 Datasheet
603Kb / 6P
   IGBT3 technology for low saturation losses
More results

Similar Description - 30-F206R6A100SB-M444E

ManufacturerPart #DatasheetDescription
logo
Vincotech
F206R6A075SB VINCOTECH-F206R6A075SB Datasheet
603Kb / 6P
   IGBT3 technology for low saturation losses
F206R6A050SB VINCOTECH-F206R6A050SB Datasheet
605Kb / 6P
   IGBT3 technology for low saturation losses
V23990-K249-A-PM VINCOTECH-V23990-K249-A-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
F206R6A150SB VINCOTECH-F206R6A150SB Datasheet
603Kb / 6P
   IGBT3 technology for low saturation losses
V23990-K243-A-PM VINCOTECH-V23990-K243-A-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
30-F212R6A050SC-M447-E-PM VINCOTECH-30-F212R6A050SC-M447-E-PM Datasheet
2Mb / 18P
   IGBT4 technology for low saturation losses
V23990-P635-A-D2-14 VINCOTECH-V23990-P635-A-D2-14 Datasheet
2Mb / 32P
   Trench Fieldstop Technology IGBT3 for low saturation loss
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
IGC168T170S8RH INFINEON-IGC168T170S8RH Datasheet
179Kb / 5P
   low switching losses and saturation losses
logo
Vincotech
10-0B066PA006SA-M992F09 VINCOTECH-10-0B066PA006SA-M992F09 Datasheet
1Mb / 14P
   IGBT3(600V)technology
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com