Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F206R6A100SB Datasheet(PDF) 2 Page - Vincotech

Part # F206R6A100SB
Description  IGBT3 technology for low saturation losses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

F206R6A100SB Datasheet(HTML) 2 Page - Vincotech

  F206R6A100SB Datasheet HTML 1Page - Vincotech F206R6A100SB Datasheet HTML 2Page - Vincotech F206R6A100SB Datasheet HTML 3Page - Vincotech F206R6A100SB Datasheet HTML 4Page - Vincotech F206R6A100SB Datasheet HTML 5Page - Vincotech F206R6A100SB Datasheet HTML 6Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
F206R6A100SB
target datasheet
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
Inverter Diode
Th=80°C
52
Tc=80°C
70
Th=80°C
85
Tc=80°C
129
Thermal Properties
Insulation Properties
Vis
t=2s
DC voltage
4000
V
min 12.7
mm
min 12.7
mm
CTI
>200
Tjmax
IFRM
Ptot
IF
V
RRM
Tj=25°C
600
A
Tj=Tjmax
Maximum Junction Temperature
Peak Repetitive Reverse Voltage
Repetitive peak forward current
Power dissipation per Diode
W
175
°C
A
V
100
Tj=Tjmax
tp limited by Tjmax
DC forward current
°C
Storage temperature
Tstg
-40…+125
°C
-40…+(Tjmax - 25)
Comparative tracking index
Insulation voltage
Creepage distance
Top
Operation temperature under switching condition
Clearance
copyright
by Vincotech
2
Revision: 3


Similar Part No. - F206R6A100SB

ManufacturerPart #DatasheetDescription
logo
Vincotech
F206R6A150SB VINCOTECH-F206R6A150SB Datasheet
603Kb / 6P
   IGBT3 technology for low saturation losses
More results

Similar Description - F206R6A100SB

ManufacturerPart #DatasheetDescription
logo
Vincotech
F206R6A075SB VINCOTECH-F206R6A075SB Datasheet
603Kb / 6P
   IGBT3 technology for low saturation losses
F206R6A050SB VINCOTECH-F206R6A050SB Datasheet
605Kb / 6P
   IGBT3 technology for low saturation losses
V23990-K249-A-PM VINCOTECH-V23990-K249-A-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
F206R6A150SB VINCOTECH-F206R6A150SB Datasheet
603Kb / 6P
   IGBT3 technology for low saturation losses
V23990-K243-A-PM VINCOTECH-V23990-K243-A-PM Datasheet
2Mb / 17P
   IGBT3 technology for low saturation losses
30-F212R6A050SC-M447-E-PM VINCOTECH-30-F212R6A050SC-M447-E-PM Datasheet
2Mb / 18P
   IGBT4 technology for low saturation losses
V23990-P635-A-D2-14 VINCOTECH-V23990-P635-A-D2-14 Datasheet
2Mb / 32P
   Trench Fieldstop Technology IGBT3 for low saturation loss
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
IGC168T170S8RH INFINEON-IGC168T170S8RH Datasheet
179Kb / 5P
   low switching losses and saturation losses
logo
Vincotech
10-0B066PA006SA-M992F09 VINCOTECH-10-0B066PA006SA-M992F09 Datasheet
1Mb / 14P
   IGBT3(600V)technology
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com