Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-F106R6A050SB01-M435E18 Datasheet(PDF) 4 Page - Vincotech

Part # 10-F106R6A050SB01-M435E18
Description  Inverter, blocking diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-F106R6A050SB01-M435E18 Datasheet(HTML) 4 Page - Vincotech

  10-F106R6A050SB01-M435E18 Datasheet HTML 1Page - Vincotech 10-F106R6A050SB01-M435E18 Datasheet HTML 2Page - Vincotech 10-F106R6A050SB01-M435E18 Datasheet HTML 3Page - Vincotech 10-F106R6A050SB01-M435E18 Datasheet HTML 4Page - Vincotech 10-F106R6A050SB01-M435E18 Datasheet HTML 5Page - Vincotech 10-F106R6A050SB01-M435E18 Datasheet HTML 6Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
F106R6A050SB
target datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Value
Conditions
Characteristic Values
g
Nm
Weight
G
tbd.
44.2
Nm
Terminal connection torque
M
6.7
7
7.4
Mounting torque
M
3.8
5nH
Chip module lead resistance, terminals -chip
Rcc'1+EE'
tbd.
m
Module stray inductance
LsCE
Thermal resistance, case to heatsink
RthCH
tbd.
K/W
Module Properties
B
Vincotech NTC Reference
B-value
Tol. ±3%
3950
K
B(25/100)
T=25°C
3996
K
T=25°C
B-value
B(25/50)
Tol. ±3%
%
22000
5
-5
2
200
mW/K
Power dissipation
P
mW
Rated resistance
R
Power dissipation constant
Deviation of R100
ΔR/R
R100=1486
Thermistor
T=25°C
T=25°C
T=100°C
T=25°C
copyright
by Vincotech
4
Revision: 3


Similar Part No. - 10-F106R6A050SB01-M435E18

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F106R6A030SB-M434E08 VINCOTECH-10-F106R6A030SB-M434E08 Datasheet
602Kb / 6P
   Very compact housing, easy to route
10-F106R6A030SB01-M434E18 VINCOTECH-10-F106R6A030SB01-M434E18 Datasheet
602Kb / 6P
   Very compact housing, easy to route
More results

Similar Description - 10-F106R6A050SB01-M435E18

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
   High Blocking Voltage
logo
NXP Semiconductors
BYD67 PHILIPS-BYD67 Datasheet
59Kb / 8P
   Ripple blocking diode
1999 Oct 20
BYM63 PHILIPS-BYM63 Datasheet
82Kb / 7P
   Ripple blocking diode
1996 Jun 10
BYQ63 PHILIPS-BYQ63 Datasheet
91Kb / 8P
   Ripple blocking diode
1998 Dec 04
BYD63 PHILIPS-BYD63 Datasheet
77Kb / 7P
   Ripple blocking diode
1996 Jun 10
logo
Richtek Technology Corp...
RT9715CA RICHTEK-RT9715CA Datasheet
240Kb / 12P
   Reverse Blocking Current
logo
Texas Instruments
TMS29LF800T TI1-TMS29LF800T Datasheet
647Kb / 49P
[Old version datasheet]   Array-Blocking Architecture
logo
Solid State Optronic
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
   High Blocking Voltage
logo
Device Engineering Inco...
DEI1604 DEIAZ-DEI1604 Datasheet
573Kb / 8P
   SURGE BlOCKING MODULE
logo
Sanken electric
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com