Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F106R6A050SB Datasheet(PDF) 1 Page - Vincotech

Part # F106R6A050SB
Description  Inverter, blocking diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

F106R6A050SB Datasheet(HTML) 1 Page - Vincotech

  F106R6A050SB Datasheet HTML 1Page - Vincotech F106R6A050SB Datasheet HTML 2Page - Vincotech F106R6A050SB Datasheet HTML 3Page - Vincotech F106R6A050SB Datasheet HTML 4Page - Vincotech F106R6A050SB Datasheet HTML 5Page - Vincotech F106R6A050SB Datasheet HTML 6Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
F106R6A050SB
target datasheet
flowPACK 1
600V/50A
● Inverter, blocking diodes
● Very compact housing, easy to route
● IGBT3 technology
● Power Regeneration
● 10-F106R6A050SB-M435E08
● 10-F106R6A050SB01-M435E18
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
1600
V
Maximum Junction Temperature
Tjmax
150
°C
Inverter Transistor
tSC
Tj≤150°C
6
μs
VCC
VGE=15V
360
V
W
±20
A
V
°C
175
VCE
IC
VGE
ICpulse
Tjmax
A
600
A
V
Tj=Tjmax
Tj=Tjmax
VCE
≤ 600V, Tj ≤ Top max
tp limited by Tjmax
Turn off safe operating area
Collector-emitter break down voltage
DC collector current
Power dissipation per IGBT
Maximum Junction Temperature
Short circuit ratings
Repetitive peak collector current
Tj=Tjmax
tp=10ms
Tj=Tjmax
Ptot
A
Features
flow1 housing
Target Applications
Schematic
DC forward current
Surge forward current
Tj=25°C
Types
I2t-value
Maximum Ratings
IFAV
A
2s
IFSM
Condition
Blocking Diode
1000
A
W
Power dissipation per Diode
I
2t
Ptot
Gate-emitter peak voltage
75
Th=80°C
Th=80°C
123
5000
Th=80°C
38
Th=80°C
70
150
150
copyright
by Vincotech
1
Revision: 3


Similar Part No. - F106R6A050SB

ManufacturerPart #DatasheetDescription
logo
Vincotech
F106R6A030SB VINCOTECH-F106R6A030SB Datasheet
602Kb / 6P
   Very compact housing, easy to route
More results

Similar Description - F106R6A050SB

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
   High Blocking Voltage
logo
NXP Semiconductors
BYD67 PHILIPS-BYD67 Datasheet
59Kb / 8P
   Ripple blocking diode
1999 Oct 20
BYM63 PHILIPS-BYM63 Datasheet
82Kb / 7P
   Ripple blocking diode
1996 Jun 10
BYQ63 PHILIPS-BYQ63 Datasheet
91Kb / 8P
   Ripple blocking diode
1998 Dec 04
BYD63 PHILIPS-BYD63 Datasheet
77Kb / 7P
   Ripple blocking diode
1996 Jun 10
logo
Richtek Technology Corp...
RT9715CA RICHTEK-RT9715CA Datasheet
240Kb / 12P
   Reverse Blocking Current
logo
Texas Instruments
TMS29LF800T TI1-TMS29LF800T Datasheet
647Kb / 49P
[Old version datasheet]   Array-Blocking Architecture
logo
Solid State Optronic
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
   High Blocking Voltage
logo
Device Engineering Inco...
DEI1604 DEIAZ-DEI1604 Datasheet
573Kb / 8P
   SURGE BlOCKING MODULE
logo
Sanken electric
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com