Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70-W212NMC400SH01-M709P Datasheet(PDF) 7 Page - Vincotech

Part # 70-W212NMC400SH01-M709P
Description  Mixed voltage NPC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

70-W212NMC400SH01-M709P Datasheet(HTML) 7 Page - Vincotech

Back Button 70-W212NMC400SH01-M709P Datasheet HTML 3Page - Vincotech 70-W212NMC400SH01-M709P Datasheet HTML 4Page - Vincotech 70-W212NMC400SH01-M709P Datasheet HTML 5Page - Vincotech 70-W212NMC400SH01-M709P Datasheet HTML 6Page - Vincotech 70-W212NMC400SH01-M709P Datasheet HTML 7Page - Vincotech 70-W212NMC400SH01-M709P Datasheet HTML 8Page - Vincotech 70-W212NMC400SH01-M709P Datasheet HTML 9Page - Vincotech 70-W212NMC400SH01-M709P Datasheet HTML 10Page - Vincotech 70-W212NMC400SH01-M709P Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
70-W212NMC400SH01-M709P
datasheet
Figure 9
IGBT
Figure 10
IGBT
Typical switching times as a
Typical switching times as a
function of collector current
function of gate resistor
t = f(I C)
t = f(R G)
With an inductive load at
With an inductive load at
T j =
124
°C
T j =
124
°C
V CE =
350
V
V CE =
350
V
V GE =
±15
V
V GE =
±15
V
R gon =
1,0
I C =
406
A
R goff =
1,0
Figure 11
FWD
Figure 12
FWD
Typical reverse recovery time as a
Typical reverse recovery time as a
function of collector current
function of IGBT turn on gate resistor
t rr = f(I c)
t rr = f(R gon)
At
At
T j =
25/125/150 °C
T j =
25/125/150 °C
V CE =
350
V
V R =
350
V
V GE =
±15
V
I F =
406
A
R gon =
1,0
V GE =
±15
V
Buck operation
half bridge IGBT (T1,T4) and neutral point FWD (D2,D3)
tdoff
tf
tdon
tr
0,00
0,01
0,10
1,00
10,00
0
200
400
600
800
I C (A)
trr High T
trr Low T
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0
2
4
6
8
10
R gon ( )
tdoff
tf
tdon
tr
0,00
0,01
0,10
1,00
0
2
4
6
8
10
R G ( )
trr High T
trr Low T
0,00
0,05
0,10
0,15
0,20
0,25
0,30
0
200
400
600
800
I C (A)
31 Jul. 2015 / Revision 2
copyright Vincotech
7


Similar Part No. - 70-W212NMC400SH01-M709P

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMC600SH01-M700P VINCOTECH-70-W212NMC600SH01-M700P Datasheet
3Mb / 31P
   High power screw interface
More results

Similar Description - 70-W212NMC400SH01-M709P

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600NB02-M200P62 VINCOTECH-70-W212NMA600NB02-M200P62 Datasheet
3Mb / 31P
   Mixed voltage NPC
70-W212NMA600SC03-M200P03 VINCOTECH-70-W212NMA600SC03-M200P03 Datasheet
3Mb / 29P
   Mixed voltage NPC
70-W212NMA400SC-M209P VINCOTECH-70-W212NMA400SC-M209P Datasheet
3Mb / 28P
   Mixed voltage NPC
70-W212NMA600NB04-M200P60 VINCOTECH-70-W212NMA600NB04-M200P60 Datasheet
2Mb / 31P
   Mixed voltage NPC
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
   mixed voltage NPC topology
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
   Mixed voltage NPC topology
10-FY12NMA160SH01-M820F VINCOTECH-10-FY12NMA160SH01-M820F Datasheet
1Mb / 9P
   mixed voltage NPC Application
10-FZ07NMA100SM-M265F58 VINCOTECH-10-FZ07NMA100SM-M265F58 Datasheet
3Mb / 29P
   Mixed voltage NPC topology
10-FZ06NIA075SA-P926F33 VINCOTECH-10-FZ06NIA075SA-P926F33 Datasheet
1Mb / 9P
   NPC Application
10-FY07NIA100S503-M515F58 VINCOTECH-10-FY07NIA100S503-M515F58 Datasheet
439Kb / 7P
   NPC inverter topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com