Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70-W212NMA600SC03-M200P03 Datasheet(PDF) 2 Page - Vincotech

Part # 70-W212NMA600SC03-M200P03
Description  Mixed voltage NPC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

70-W212NMA600SC03-M200P03 Datasheet(HTML) 2 Page - Vincotech

  70-W212NMA600SC03-M200P03 Datasheet HTML 1Page - Vincotech 70-W212NMA600SC03-M200P03 Datasheet HTML 2Page - Vincotech 70-W212NMA600SC03-M200P03 Datasheet HTML 3Page - Vincotech 70-W212NMA600SC03-M200P03 Datasheet HTML 4Page - Vincotech 70-W212NMA600SC03-M200P03 Datasheet HTML 5Page - Vincotech 70-W212NMA600SC03-M200P03 Datasheet HTML 6Page - Vincotech 70-W212NMA600SC03-M200P03 Datasheet HTML 7Page - Vincotech 70-W212NMA600SC03-M200P03 Datasheet HTML 8Page - Vincotech 70-W212NMA600SC03-M200P03 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
70-W212NMA600SC03-M200P03
datasheet
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
neutral point IGBT ( T2 , T3 )
Th=80°C
388
Tc=80°C
510
Th=80°C
594
Tc=80°C
900
tSC
Tj≤150°C
6
µs
VCC
VGE=15V
360
V
half bridge FWD ( D1 , D4 )
Th=80°C
355
Tc=80°C
470
IFSM
3600
A
I
2t
16200
A
2s
Th=80°C
633
Tc=80°C
960
DC link Capacitor
°C
RMS Current
IRMS
10
A
Operation Temperature
TOP
-40...+105
Tj=150°C
tp limited by Tjmax
Tj=Tjmax
Tj=25°C
Tj=Tjmax
Surge forward current
I2t-value
Max.DC voltage
VMAX
Power dissipation per FWD
Ptot
Tj=Tjmax
DC forward current
Maximum Junction Temperature
Tjmax
±20
°C
630
1800
1200
175
V
Peak Repetitive Reverse Voltage
IF
Repetitive peak forward current
IFRM
A
VRRM
VGE
VCE
IC
Tjmax
Ptot
V
1200
V
A
600
1800
V
°C
W
A
A
Maximum Junction Temperature
Gate-emitter peak voltage
Tvj max= 150°C
ICpuls
Turn off safe operating area (RBSOA)
Icmax
tp=10ms , sin 180°
Tj=Tjmax
VCE max = 1200V
Short circuit ratings
DC collector current
Power dissipation per IGBT
Repetitive peak collector current
tp limited by Tjmax
Collector-emitter break down voltage
175
W
A
copyright Vincotech
2
03 Jun. 2015 / Revision 4


Similar Part No. - 70-W212NMA600SC03-M200P03

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600SC-M200P VINCOTECH-70-W212NMA600SC-M200P Datasheet
2Mb / 31P
   Integrated DC-snubber capacitors
More results

Similar Description - 70-W212NMA600SC03-M200P03

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600NB02-M200P62 VINCOTECH-70-W212NMA600NB02-M200P62 Datasheet
3Mb / 31P
   Mixed voltage NPC
70-W212NMC400SH01-M709P VINCOTECH-70-W212NMC400SH01-M709P Datasheet
1Mb / 30P
   Mixed voltage NPC
70-W212NMA400SC-M209P VINCOTECH-70-W212NMA400SC-M209P Datasheet
3Mb / 28P
   Mixed voltage NPC
70-W212NMA600NB04-M200P60 VINCOTECH-70-W212NMA600NB04-M200P60 Datasheet
2Mb / 31P
   Mixed voltage NPC
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
   mixed voltage NPC topology
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
   Mixed voltage NPC topology
10-FY12NMA160SH01-M820F VINCOTECH-10-FY12NMA160SH01-M820F Datasheet
1Mb / 9P
   mixed voltage NPC Application
10-FZ07NMA100SM-M265F58 VINCOTECH-10-FZ07NMA100SM-M265F58 Datasheet
3Mb / 29P
   Mixed voltage NPC topology
10-FZ06NIA075SA-P926F33 VINCOTECH-10-FZ06NIA075SA-P926F33 Datasheet
1Mb / 9P
   NPC Application
10-FY07NIA100S503-M515F58 VINCOTECH-10-FY07NIA100S503-M515F58 Datasheet
439Kb / 7P
   NPC inverter topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com