Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70-W212NMA600NB02-M200P62 Datasheet(PDF) 10 Page - Vincotech

Part # 70-W212NMA600NB02-M200P62
Description  Mixed voltage NPC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

70-W212NMA600NB02-M200P62 Datasheet(HTML) 10 Page - Vincotech

Back Button 70-W212NMA600NB02-M200P62 Datasheet HTML 6Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 7Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 8Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 9Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 10Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 11Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 12Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 13Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 14Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
70-W212NMA600NB02-M200P62
Figure 17
FWD
Figure 18
FWD
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(Ic)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/125/150 °C
Tj =
25/125/150 °C
VCE =
350
V
VR =
350
V
VGE =
±15
V
IF =
601
A
Rgon =
1,0
VGE =
±15
V
Figure 19
IGBT
Figure 20
FWD
IGBT transient thermal impedance
FWD transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)
ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
Preapplied PCM
Thermal grease
Preapplied PCM
Thermal grease
RthJH =
0,09
K/W
RthJH =
0,11
K/W
RthJH =
0,27
K/W
RthJH =
0,31
K/W
100um grease 1W/mK (P12)
100um grease 1W/mK (P12)
R (C/W)
Tau (s)
R (C/W)
Tau (s)
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,042
1,916
0,051
1,916
0,040
5,632
0,047
5,632
0,024
0,234
0,030
0,234
0,044
1,073
0,051
1,073
0,023
0,035
0,028
0,035
0,044
0,202
0,051
0,202
0,002
0,006
0,002
0,006
0,087
0,041
0,100
0,041
0,038
0,012
0,044
0,012
FWD thermal model values
IGBT thermal model values
100um preapplied PCM
100um preapplied PCM
Buck operation
Half Bridge IGBT (T1,T4) and Neutral Point FWD (D2,D3)
t p (s)
10
0
10
-1
10
-2
10
-3
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
0
10
-1
10
-2
10
-3
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
dI0/dt T
dIrec/dt T
0
2000
4000
6000
8000
10000
0
2
4
6
8
10
R gon ( )
dIrec/dt T
dIo/dt T
0
1000
2000
3000
4000
5000
6000
7000
0
200
400
600
800
1000
1200
I C (A)
copyright
by Vincotech
10
Revision: 1.2


Similar Part No. - 70-W212NMA600NB02-M200P62

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600NB04-M200P60 VINCOTECH-70-W212NMA600NB04-M200P60 Datasheet
2Mb / 31P
   Mixed voltage NPC
More results

Similar Description - 70-W212NMA600NB02-M200P62

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600SC03-M200P03 VINCOTECH-70-W212NMA600SC03-M200P03 Datasheet
3Mb / 29P
   Mixed voltage NPC
70-W212NMC400SH01-M709P VINCOTECH-70-W212NMC400SH01-M709P Datasheet
1Mb / 30P
   Mixed voltage NPC
70-W212NMA400SC-M209P VINCOTECH-70-W212NMA400SC-M209P Datasheet
3Mb / 28P
   Mixed voltage NPC
70-W212NMA600NB04-M200P60 VINCOTECH-70-W212NMA600NB04-M200P60 Datasheet
2Mb / 31P
   Mixed voltage NPC
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
   mixed voltage NPC topology
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
   Mixed voltage NPC topology
10-FY12NMA160SH01-M820F VINCOTECH-10-FY12NMA160SH01-M820F Datasheet
1Mb / 9P
   mixed voltage NPC Application
10-FZ07NMA100SM-M265F58 VINCOTECH-10-FZ07NMA100SM-M265F58 Datasheet
3Mb / 29P
   Mixed voltage NPC topology
10-FZ06NIA075SA-P926F33 VINCOTECH-10-FZ06NIA075SA-P926F33 Datasheet
1Mb / 9P
   NPC Application
10-FY07NIA100S503-M515F58 VINCOTECH-10-FY07NIA100S503-M515F58 Datasheet
439Kb / 7P
   NPC inverter topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com