Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70-W212NMA600NB02-M200P62 Datasheet(PDF) 5 Page - Vincotech

Part # 70-W212NMA600NB02-M200P62
Description  Mixed voltage NPC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

70-W212NMA600NB02-M200P62 Datasheet(HTML) 5 Page - Vincotech

  70-W212NMA600NB02-M200P62 Datasheet HTML 1Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 2Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 3Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 4Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 5Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 6Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 7Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 8Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
70-W212NMA600NB02-M200P62
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Characteristic Values
Value
Conditions
Tj=25°C
2,19
Tj=125°C
2,47
Tj=25°C
48
Tj=125°C
Tj=25°C
448
Tj=125°C
568
Tj=25°C
70
Tj=125°C
138
Tj=25°C
19
Tj=125°C
53
di(rec)max
Tj=25°C
20142
/dt
Tj=125°C
14965
Tj=25°C
4
Tj=125°C
13
Thermal resistance chip to heatsink per chip
RthJH
100um preapplied
PCM
0,16
K/W
Thermal resistance chip to case per chip
RthJH
100um grease
1W/mK
0,18
K/W
Tc=25°C, per switch
Screw M4 - mounting according to valid application note
FSWB1-4TY-M-*-HI
Screw M5 - mounting according to valid application note
FSWB1-4TY-M-*-HI
FSWB1-4TY-M-*-HI
A/µs
A
mWs
µC
V
ns
-12
200
2
mW/K
Tj=25°C
22000
Tj=25°C
Tol. ±3%
3996
Tj=25°C
B-value
Tj=25°C
K
3950
K
B(25/100)
Vincotech NTC Reference
+14
Tj=25°C
Tj=100°C
B-value
B(25/50)
Tol. ±3%
350
1200
Reverse recovery time
FWD forward voltage
Reverse leakage current
half bridge FWD (D1, D4) ( D1 , D4 )
trr
Qrr
Rgon=1
IRRM
VF
Ir
Power dissipation
P
Rated resistance
R
∆R/R
Power dissipation constant
Deviation of R100
R100=1486
±15
Thermistor
Erec
Peak rate of fall of recovery current
Reverse recovered charge
Reverse recovery energy
Peak reverse recovery current
600
400
B
%
mW
µA
nH
3
nH
5
Module inductance (from chips to PCB)
LsCE C-PCB
Module inductance (from PCB to PCB using Intercon board)
Module Properties
LsCE PCB-PCB
Rcc'1+EE'
2
Mounting torque
M
Resistance of Intercon boards (from PCB to PCB using Intercon board)
Mounting torque
M
Screw M6 - mounting according to valid application note
Nm
Terminal connection torque
M
2,5
Weight
G
g
710
5
4
2,2
6
Nm
Nm
1,5
m
copyright
by Vincotech
5
Revision: 1.2


Similar Part No. - 70-W212NMA600NB02-M200P62

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600NB04-M200P60 VINCOTECH-70-W212NMA600NB04-M200P60 Datasheet
2Mb / 31P
   Mixed voltage NPC
More results

Similar Description - 70-W212NMA600NB02-M200P62

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600SC03-M200P03 VINCOTECH-70-W212NMA600SC03-M200P03 Datasheet
3Mb / 29P
   Mixed voltage NPC
70-W212NMC400SH01-M709P VINCOTECH-70-W212NMC400SH01-M709P Datasheet
1Mb / 30P
   Mixed voltage NPC
70-W212NMA400SC-M209P VINCOTECH-70-W212NMA400SC-M209P Datasheet
3Mb / 28P
   Mixed voltage NPC
70-W212NMA600NB04-M200P60 VINCOTECH-70-W212NMA600NB04-M200P60 Datasheet
2Mb / 31P
   Mixed voltage NPC
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
   mixed voltage NPC topology
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
   Mixed voltage NPC topology
10-FY12NMA160SH01-M820F VINCOTECH-10-FY12NMA160SH01-M820F Datasheet
1Mb / 9P
   mixed voltage NPC Application
10-FZ07NMA100SM-M265F58 VINCOTECH-10-FZ07NMA100SM-M265F58 Datasheet
3Mb / 29P
   Mixed voltage NPC topology
10-FZ06NIA075SA-P926F33 VINCOTECH-10-FZ06NIA075SA-P926F33 Datasheet
1Mb / 9P
   NPC Application
10-FY07NIA100S503-M515F58 VINCOTECH-10-FY07NIA100S503-M515F58 Datasheet
439Kb / 7P
   NPC inverter topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com